Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD00D0AWHFP Datasheet(PDF) 11 Page - Rohm

Part # BD00D0AWHFP
Description  2A Standard Variable Output LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD00D0AWHFP Datasheet(HTML) 11 Page - Rohm

Back Button BD00D0AWHFP Datasheet HTML 4Page - Rohm BD00D0AWHFP Datasheet HTML 5Page - Rohm BD00D0AWHFP Datasheet HTML 6Page - Rohm BD00D0AWHFP Datasheet HTML 7Page - Rohm BD00D0AWHFP Datasheet HTML 8Page - Rohm BD00D0AWHFP Datasheet HTML 9Page - Rohm BD00D0AWHFP Datasheet HTML 10Page - Rohm BD00D0AWHFP Datasheet HTML 11Page - Rohm BD00D0AWHFP Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Technical Note
11/11
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD00D0AWHFP
Ordering part number
B D
0
0
D
0
A
W
H
F
P
-
T
R
ROHM
model Name
Output Voltage
00:Variable
Current capacity
D0A:2A
Shutdown switch
W :
With
switch
None : Without
switch
Package
HFP: HRP5
Packaging and forming specification
TR:Embossed tape and reel
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2000pcs
TR
(
)
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
(Unit : mm)
HRP5
S
0.08 S
(MAX 9.745 include BURR)
5
4
3
2
1
1.905
±0.1
−0.05
+0.1
0.27
4.5
°
(6.5)
8.82
± 0.1
9.395
±0.125
0.73
±0.1
1.72
1.2575
−4.5°
+5.5°


Similar Part No. - BD00D0AWHFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP Datasheet
178Kb / 5P
   Low ESR capacitor,2A Low Dropout Voltage Regulator with Shut Down Switch竊뉯djustable Voltage竊
More results

Similar Description - BD00D0AWHFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00FA1WEFJ ROHM-BD00FA1WEFJ Datasheet
796Kb / 19P
   100mA Variable Output LDO Regulator
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com