Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90C0AFPS Datasheet(PDF) 2 Page - Rohm

Part # BD90C0AFPS
Description  Standard Fixed Output LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90C0AFPS Datasheet(HTML) 2 Page - Rohm

  BD90C0AFPS Datasheet HTML 1Page - Rohm BD90C0AFPS Datasheet HTML 2Page - Rohm BD90C0AFPS Datasheet HTML 3Page - Rohm BD90C0AFPS Datasheet HTML 4Page - Rohm BD90C0AFPS Datasheet HTML 5Page - Rohm BD90C0AFPS Datasheet HTML 6Page - Rohm BD90C0AFPS Datasheet HTML 7Page - Rohm BD90C0AFPS Datasheet HTML 8Page - Rohm BD90C0AFPS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical Note
2/12
www.rohm.com
2010.11 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD80C0AFPS,BD90C0AFPS
Electrical characteristics
BD80C0AFPS
(Unless otherwise specified, Ta=25℃, Vcc=13V, Io=0mA)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Bias Current
Ib
0.6
1.0
mA
Output Voltage
Vo
7.92
8.00
8.08
V
Io=500mA
Dropout Voltage
Δ
Vd
0.3
0.5
V
VCC=Vo×0.95, Io=500mA
Ripple Rejection
R.R.
40
50
dB
f=120Hz,ein
*1=1Vrms,
Io=100mA
Line Regulation
Reg.I
20
60
mV
VCC=9→25V
Load Regulation
Reg.L
Vo×0.010 Vo×0.015
V
Io=5mA→1A
Temperature Coefficient of
Output Voltage
Tcvo.1
+0.04
%/℃
Io=5mA,Tj=-40 ~ -20℃
Tcvo.2
±
0.005
%/℃
Io=5mA,Tj=-20 ~ +105℃
*1
ein: Input Voltage Ripple
BD90C0AFPS
(Unless otherwise specified, Ta=25℃, Vcc=14V, Io=0mA)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Bias Current
Ib
0.6
1.0
mA
Output Voltage
Vo
8.91
9.00
9.09
V
Io=500mA
Dropout Voltage
Δ
Vd
0.3
0.5
V
VCC=Vo×0.95, Io=500mA
Ripple Rejection
R.R.
40
50
dB
f=120Hz,ein*1=1Vrms,
Io=100mA
Line Regulation
Reg.I
20
60
mV
VCC=10→25V
Load Regulation
Reg.L
Vo×0.010 Vo×0.015
V
Io=5mA→1A
Temperature Coefficient of
Output Voltage
Tcvo.1
+0.04
%/℃
Io=5mA,Tj=-40 ~ -20℃
Tcvo.2
±
0.005
%/℃
Io=5mA,Tj=-20 ~ +105℃
*1
ein: Input Voltage Ripple


Similar Part No. - BD90C0AFPS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD90C0AFPS ROHM-BD90C0AFPS Datasheet
141Kb / 5P
   Low ESR Capacitor, 1A Low Dropout Voltage Regulator
BD90C0AFPS-LB ROHM-BD90C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD90C0AFPS-LBE2 ROHM-BD90C0AFPS-LBE2 Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD90C0AFPS-M ROHM-BD90C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results

Similar Description - BD90C0AFPS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com