Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1604MUV Datasheet(PDF) 9 Page - Rohm

Part # BD1604MUV
Description  Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1604MUV Datasheet(HTML) 9 Page - Rohm

Back Button BD1604MUV_11 Datasheet HTML 3Page - Rohm BD1604MUV_11 Datasheet HTML 4Page - Rohm BD1604MUV_11 Datasheet HTML 5Page - Rohm BD1604MUV_11 Datasheet HTML 6Page - Rohm BD1604MUV_11 Datasheet HTML 7Page - Rohm BD1604MUV_11 Datasheet HTML 8Page - Rohm BD1604MUV_11 Datasheet HTML 9Page - Rohm BD1604MUV_11 Datasheet HTML 10Page - Rohm BD1604MUV_11 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Technical Note
9/10
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD1604MUV, BD1604MVV
(11) External capacitor
In order to use a ceramic capacitor as the external capacitor, determine the constant with consideration given to a
degradation in the nominal capacitance due to DC bias and changes in the capacitance due to temperature, etc.
(12) Not connecting input terminals
In terms of extremely high impedance of CMOS gate, to open the input terminals causes unstable state. Unstable state
occurs from the inside gate voltage of p-channel or n-channel transistor into active. As a result, power supply current
may increase. And unstable state can also cause unexpected operation of IC. So unless otherwise specified, input
terminals not being used should be connected to the power supply or GND line.
(13) Thermal shutdown circuit (TSD)
When junction temperatures become setting temperature or higher, the thermal shutdown circuit operates and turns a
switch OFF. The thermal shutdown circuit, which is aimed at isolating the LSI from thermal runaway as much as
possible, is not aimed at the protection or guarantee of the LSI. Therefore, do not continuously use the LSI with this
circuit operating or use the LSI assuming its operation.
(14) Thermal design
Perform thermal design in which there are adequate margins by taking into account the permissible dissipation (Pd) in
actual states of use.
Thermal Loss
The following conditions must be met for thermal design. (Because the following temperature is only the assured
temperature, be sure to consider the margin for design.)
1. The ambient temperature Ta must be 85˚C.
2. The IC loss must be smaller than an allowable loss (Pd).
Power dissipation character
The following shows the power dissipation character.
Mount board specification
Material : Glass epoxy
Size : 70mm × 70mm × 1.6mm
0
0.2
0.4
0.6
0.8
1
0
25
50
75
100
125
150
TEMPARATURE[℃]
0.78W
0
0.2
0.4
0.6
0.8
1
0
25
50
75
100
125
150
TEMPARATURE[℃]
0.70W
Fig.20 BD1604MUV
Fig.19 BD1604MVV


Similar Part No. - BD1604MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1604MUV ROHM-BD1604MUV_1 Datasheet
282Kb / 5P
   4-Parallel white-LED Driver for mobile phone
More results

Similar Description - BD1604MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6081GU ROHM-BD6081GU_11 Datasheet
616Kb / 36P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com