Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2802GU Datasheet(PDF) 11 Page - Rohm

Part # BD2802GU
Description  6LEDs Illumination
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2802GU Datasheet(HTML) 11 Page - Rohm

Back Button BD2802GU Datasheet HTML 7Page - Rohm BD2802GU Datasheet HTML 8Page - Rohm BD2802GU Datasheet HTML 9Page - Rohm BD2802GU Datasheet HTML 10Page - Rohm BD2802GU Datasheet HTML 11Page - Rohm BD2802GU Datasheet HTML 12Page - Rohm BD2802GU Datasheet HTML 13Page - Rohm BD2802GU Datasheet HTML 14Page - Rohm BD2802GU Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Technical Note
11/27
www.rohm.com
2011.04 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD2802GU
Adress 03h <R1 current 1setup >
BIT
Name
Init
Function
0
1
D7
-
-
-
-
D6
IR11(6)
0
IR11(6)
IR11(5)
IR11(4)
IR11(3)
IR11(2)
IR11(1)
IR11(0)
Current
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0.2mA
0.2mA
step
1
1
1
1
1
1
0
25.2mA
1
1
1
1
1
1
1
25.4mA
At RGBISETpin 120kΩ connection
D5
IR11(5)
0
D4
IR11(4)
0
D3
IR11(3)
0
D2
IR11(2)
0
D1
IR11(1)
0
D0
IR11(0)
0
Adress 04h <R1 current2 setup >
BIT
Name
Init
Function
0
1
D7
-
-
-
-
D6
IR12(6)
0
IR12(6)
IR12(5)
IR12(4)
IR12(3)
IR12(2)
IR12(1)
IR12(0)
Current
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0.2mA
0.2mA
step
1
1
1
1
1
1
0
25.2mA
1
1
1
1
1
1
1
25.4mA
At RGBISETpin 120kΩ connection
D5
IR12(5)
0
D4
IR12(4)
0
D3
IR12(3)
0
D2
IR12(2)
0
D1
IR12(1)
0
D0
IR12(0)
0
Adress 05h <R1 Wave Pattern >
BIT
Name
Init
Function
0
1
D7
-
-
-
-
D6
-
-
-
-
D5
-
-
-
-
D4
-
-
-
-
D3
PR1(3)
0
PR1(3)
PR1(2)
PR1(1)
PR1(0)
Wave
0
0
0
0
Pattern1
0
0
0
1
Pattern2
0
0
1
0
Pattern3
1
1
0
1
Pattern14
1
1
1
0
Pattern15
1
1
1
1
Pattern16
D2
PR1(2)
1
D1
PR1(1)
1
D0
PR1(0)
1
Adress 06h <G1 current1 setup >
BIT
Name
Init
Function
0
1
D7
-
-
-
-
D6
IG11(6)
0
IG11(6)
IG11(5)
IG11(4)
IG11(3)
IG11(2)
IG11(1)
IG11(0)
Current
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0.2mA
0.2mA
step
1
1
1
1
1
1
0
25.2mA
1
1
1
1
1
1
1
25.4mA
At RGBISETpin 120kΩ connection
D5
IG11(5)
0
D4
IG11(4)
0
D3
IG11(3)
0
D2
IG11(2)
0
D1
IG11(1)
0
D0
IG11(0)
0
Refer to "●Use of a RGB wave setup " for the detailed function of each register of this page.


Similar Part No. - BD2802GU

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BD280-1130-10/16 MACOM-BD280-1130-10/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1016 MACOM-BD280-1130-1016 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-15/16 MACOM-BD280-1130-15/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1516 MACOM-BD280-1130-1516 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-20/16 MACOM-BD280-1130-20/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

Similar Description - BD2802GU

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000_16 Datasheet
385Kb / 5P
   General Illumination
logo
Schurter Inc.
PSEAE30 SCHURTER-PSEAE30 Datasheet
550Kb / 4P
   The indicators are available with Lettering, Point Illumination Ring Illumination or Area Illumination
logo
E-SWITCH
52-PV8F2T1SS335 E-SWITCH-52-PV8F2T1SS335 Datasheet
136Kb / 1P
   ILLUMINATION COLOR: GREEN
52-PV6F240SSG241 E-SWITCH-52-PV6F240SSG241 Datasheet
202Kb / 1P
   ILLUMINATION COLOR: BLUE
logo
OSRAM GmbH
SFH4645EN OSRAM-SFH4645EN Datasheet
496Kb / 13P
   Infrared Illumination for cameras
logo
PARA LIGHT ELECTRONICS ...
6000K_CR07C-P1C54-EC000 PARALIGHT-6000K_CR07C-P1C54-EC000 Datasheet
869Kb / 12P
   Uniform high quality illumination
CS20C-P1C28-DB000 PARALIGHT-CS20C-P1C28-DB000 Datasheet
556Kb / 12P
   Uniform high quality illumination
3000K_CR07W-P1C54-CC000 PARALIGHT-3000K_CR07W-P1C54-CC000 Datasheet
944Kb / 12P
   Uniform high quality illumination
CR07W-P1C54-CD000 PARALIGHT-CR07W-P1C54-CD000 Datasheet
536Kb / 12P
   Uniform high quality illumination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com