Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3004HFP Datasheet(PDF) 2 Page - Rohm

Part # BD3004HFP
Description  Regulators with Voltage Detector and Watchdog Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3004HFP Datasheet(HTML) 2 Page - Rohm

  BD3004HFP_06 Datasheet HTML 1Page - Rohm BD3004HFP_06 Datasheet HTML 2Page - Rohm BD3004HFP_06 Datasheet HTML 3Page - Rohm BD3004HFP_06 Datasheet HTML 4Page - Rohm BD3004HFP_06 Datasheet HTML 5Page - Rohm BD3004HFP_06 Datasheet HTML 6Page - Rohm BD3004HFP_06 Datasheet HTML 7Page - Rohm BD3004HFP_06 Datasheet HTML 8Page - Rohm BD3004HFP_06 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/8
Operating power supply voltage range
(Ta = 25°C)
Parameter
Min.
Max.
Unit
Operating power supply voltage range
5.5*
36**
V
Output current
500
mA
*
For the output voltage, consider the voltage drop (min. I/O voltage differential) due to the output current.
** Must not exceed Pd.
Electrical Characteristics
(Unless otherwise specified, Ta = −40°C to 125°C, Vcc = 13.5 V)
Limit
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
[Overall]
Total supply current 1
Icc1
80
130
µA
Io=0mA
Total supply current 2
Icc2
80
130
µA
Io=200mA
Total supply current 3(BD3005HFP)
Icc3
80
130
µA
VINH=0V
[Regulator]
Output voltage
VOUT
4.90
5.00
5.10
V
Input stability
Line.Reg
10
20
mV
Vcc=6.2~25 V
Load stability
Load.Reg
15
30
mV
Io=5~200mA
Min. I/O voltage differential
∆Vd
0.78
1.1
V
Vcc=4.75 V, Io=200mA
Output current
IOUT
500
mA
VOUT=4.9V
Ripple rejection
R.R.
45
55
dB
f=120Hz, ein=1Vrms, Io=200mA
[Reset]
Detection voltage(BD3004HFP)
Vdet
4.02
4.10
4.18
V
Detection voltage(BD3005HFP)
Vdet
4.40
4.50
4.60
V
Hysteresis width
VHS
50
100
150
mV
Output delay time Low
→ High
TdLH
12
21
40
mS
CT=0.1µF*1
Low output voltage
VRST
0.2
0.5
V
IRST=2mA
Min. operating voltage
VOPL
1.0
V
[Watchdog timer]
High-side switching threshold voltage
VthH
1.16
1.26
1.36
V
Low-side switching threshold voltage
VthL
0.20
0.24
0.28
V
Discharge current
Ictc
1
2
3
µA
Charge current
Icto
3
6
10
µA
Watchdog monitor time
TWH
32
51
90
mS
CT=0.1µF*2
Watchdog reset time
TWL
10
17
30
mS
CT=0.1µF*3
Clock input pulse width
TWCLK
500
nS
[INH]
WDT off voltage(BD3005HFP)
VUINH
3.2
8.0
V
WDT on voltage(BD3005HFP)
VLINH
0
1.8
V
*1 TdLH can be varied by changing the CT capacitance value.
TdLH (s)
≈ (1.26 × CT (µF)) / Icto (µA) (Calculation uses Typ. values)
*2 TWH can be varied by changing the CT capacitance value.
TWH (s)
≈ (1.02 × CT (µF)) / Ictc (µA) (Calculation uses Typ. values)
*3 TWL can be varied by changing the CT capacitance value.
TWL (s)
≈ (1.02 × CT (µF)) / Icto (µA) (Calculation uses Typ. values)
Note: This IC is not designed to be radiation-resistant.


Similar Part No. - BD3004HFP_06

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
More results

Similar Description - BD3004HFP_06

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com