Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3461FS Datasheet(PDF) 10 Page - Rohm

Part # BD3461FS
Description  General-Purpose Electronic Volume with Built-in Advanced Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3461FS Datasheet(HTML) 10 Page - Rohm

Back Button BD3461FS Datasheet HTML 6Page - Rohm BD3461FS Datasheet HTML 7Page - Rohm BD3461FS Datasheet HTML 8Page - Rohm BD3461FS Datasheet HTML 9Page - Rohm BD3461FS Datasheet HTML 10Page - Rohm BD3461FS Datasheet HTML 11Page - Rohm BD3461FS Datasheet HTML 12Page - Rohm BD3461FS Datasheet HTML 13Page - Rohm BD3461FS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Technical Note
10/28
BD3460FS,BD3461FS,BD3464FV,BD3465FV
www.rohm.com
2011.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
tBUF
:4us
tHD;STA
:2us
tHD;DAT
:1us
tLOW
:3us
tHIGH
:1us
tSU;DAT
:1us
tSU;STO
:2us
SCL clock frequency:250kHz
SCL
SDA
Timing Chart
CONTROL SIGNAL SPECIFICATION
(1) Electrical specifications and timing for bus lines and I/O stages
Fig.21 Definition of timing on the I
2C-bus
Table 1 Characteristics of the SDA and SCL bus lines for I
2C-bus devices
(Unless specified particularly, Ta=25℃, VCC=8.5V)
Parameter
Symbol
Fast-mode I
2C-bus
Unit
Min
Max
1
SCL clock frequency
fSCL
0
400
kHz
2
Bus free time between a STOP and START condition
tBUF
1.3
μS
3
Hold time (repeated) START condition. After this period, the
first clock pulse is generated
tHD;STA
0.6
μS
4
LOW period of the SCL clock
tLOW
1.3
μS
5
HIGH period of the SCL clock
tHIGH
0.6
μS
6
Set-up time for a repeated START condition
tSU;STA
0.6
μS
7
Data hold time
tHD;DAT
0*
μS
8
Data set-up time
tSU; DAT
100
ns
9
Set-up time for STOP condition
tSU;STO
0.6
μS
All values referred to VIH min. and VIL max. Levels (see Table 2).
* A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH min. of the SCL signal) in order to bridge the undefined
region of the falling edge of SCL.
About 7(tHD;DAT), 8(tSU;DAT), make it the setup which a margin is fully in .
Table 2 Characteristics of the SDA and SCL I/O stages for I
2C-bus devices
Parameter
Symbol
Fast-mode I
2C-bus
Unit
Min
Max
10
LOW level input voltage
VIL
-0.5
1
V
11
HIGH level input voltage
VIH
2.3
V
12
Pulse width of spikes which must be suppressed by the input
filter.
Tsp
0
50
ns
13
LOW level output voltage (open drain or open collector):
at 3mA sink current
VOL1
0
0.4
V
14
Input current each I/O pin with an input voltage between 0.4V
and 0.9 VDDmax.
Ii
-10
10
μA
SDA
S
SCL
tLOW
tR
tHD;DAT
P
tHD;STA
tHIGH
tBUF
tF
tSU;DAT
tSU;STA
tSU;STO
tSP
tHD;STA
Sr
P
Fig.22 A command timing example in the I
2C data transmission


Similar Part No. - BD3461FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3461FS ROHM-BD3461FS Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3461FS-E2 ROHM-BD3461FS-E2 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
More results

Similar Description - BD3461FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3465FV ROHM-BD3465FV Datasheet
2Mb / 31P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
logo
Mitsubishi Electric Sem...
M62496FP MITSUBISHI-M62496FP Datasheet
218Kb / 11P
   ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
logo
Renesas Technology Corp
M62496FP RENESAS-M62496FP Datasheet
187Kb / 14P
   Electronic Volume Control with Built-in Speaten Filter
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com