Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3506F Datasheet(PDF) 10 Page - Rohm

Part # BD3506F
Description  Nch FET Ultra LDO for PC Chipsets
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3506F Datasheet(HTML) 10 Page - Rohm

Back Button BD3506F Datasheet HTML 6Page - Rohm BD3506F Datasheet HTML 7Page - Rohm BD3506F Datasheet HTML 8Page - Rohm BD3506F Datasheet HTML 9Page - Rohm BD3506F Datasheet HTML 10Page - Rohm BD3506F Datasheet HTML 11Page - Rohm BD3506F Datasheet HTML 12Page - Rohm BD3506F Datasheet HTML 13Page - Rohm BD3506F Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Technical Note
10/14
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3506F,BD3506EFV
Recommended Circuits
Part No
Value
Notes for use
R1/R2
6.5k/5.5k
The present IC can set output voltage by external reference voltage (VR) and value of output voltage
setting resistors (R1, R2). Output voltage can be set by VRxR2/(R1+R2) but it is recommended to
use at the resistance value (total: about 10 kΩ) which is not susceptible to VREF bias current (±100
nA).
C3
100µF
Connect the output capacitor between Vo1, Vo2 terminals and GND terminal without fail in order to
stabilize output voltage. The output capacitor has a role to compensate for the phase of loop gain
and to reduce output voltage fluctuation when load is rapidly changed. When there is an
insufficient capacity value, there is a possibility to cause oscillation, and when the equivalent serial
resistance (ESR) of the capacitors is large, output voltage fluctuation is increased when load is
rapidly changed. About 100-µF high-performance electrolytic capacitors are recommended but
output capacitor greatly depends on temperature and load conditions. In addition, when only
ceramic capacitors with low ESR are used, or various capacitors are connected in series, the total
phase allowance of loop gain becomes not sufficient, and oscillation may result. Thoroughgoing
confirmation at application temperature and under load range conditions is requested.
C1
0.1µF
The input capacitor plays a part to lower output impedance of a power supply connected to input
terminals (Vcc). When output impedance of this power supply increases, the input voltages (Vcc,)
become unstable and there is a possibility of giving rise to oscillation and degraded ripple rejection
characteristics. The use of capacitors of about 0.1 µF with low ESR, which provide less capacity
value changes caused by temperature changes, is recommended, but since input capacitor greatly
depends on characteristics of the power supply used for input, substrate wiring pattern,
thoroughgoing confirmation under the application temperature and load range, is requested.
C2
10µF
The input capacitor plays a part to lower output impedance of a power supply connected to input
terminals (VIN). When output impedance of this power supply increases, the input voltages (VIN)
become unstable and there is a possibility of giving rise to oscillation and degraded ripple rejection
characteristics. The use of capacitors of about 10 µF with low ESR, which provide less capacity
value changes caused by temperature changes, is recommended, but since input capacitor greatly
depends on characteristics of the power supply used for input, substrate wiring pattern,
thoroughgoing confirmation under the application temperature and load range, is requested.
C4
1µF
To the present IC, there mounted is a function (Non Rush Current on Start-up: NRCS) to prevent
rush current from VIN to load and output capacitor via Vo at the output voltage start-up. When the
EN terminal is reset from High or UVLO, constant current is allowed to flow from the NRCS terminal.
By this current, voltage generated at the NRCS terminal becomes the reference voltage and output
voltage is started. In order to stabilize the NRCS set time, it is recommended to use a capacitor (B
special) with less capacity value change caused by temperature change.
C3
C1
Vcc
+
1
2
3
4
8
7
6
5
C4
R1
C2
VIN
Ven
R2
VOUT(1.2V)/2.5A


Similar Part No. - BD3506F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3506F ROHM-BD3506F Datasheet
224Kb / 6P
   1ch Series Regulator Driver IC
BD3506F ROHM-BD3506F Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
More results

Similar Description - BD3506F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com