Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3575HFP Datasheet(PDF) 7 Page - Rohm

Part # BD3575HFP
Description  High Voltage LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3575HFP Datasheet(HTML) 7 Page - Rohm

Back Button BD3575HFP Datasheet HTML 2Page - Rohm BD3575HFP Datasheet HTML 3Page - Rohm BD3575HFP Datasheet HTML 4Page - Rohm BD3575HFP Datasheet HTML 5Page - Rohm BD3575HFP Datasheet HTML 6Page - Rohm BD3575HFP Datasheet HTML 7Page - Rohm BD3575HFP Datasheet HTML 8Page - Rohm BD3575HFP Datasheet HTML 9Page - Rohm BD3575HFP Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Note
7/9
BD3570FP/HFP, BD3571FP/HFP, BD3572FP/HFP, BD3573FP/HFP
BD3574FP/HFP, BD3575FP/HFP
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
The formation of parasitic elements as a result of the relationships of the potentials of different pins is an inevitable result of
the IC's architecture. The operation of parasitic elements can cause interference with circuit operation as well as IC
malfunction and damage. For these reasons, it is necessary to use caution so that the IC is not used in a way that will
trigger the operation of parasitic elements, such as by the application of voltages lower than the GND (P substrate) voltage
to input pins.
Fig. 26 Example of a Simple Monolithic IC Architecture
8) Ground wiring patterns
When using both small signal and large current GND patterns, it is recommended to isolate the two ground patterns,
placing a single ground point at the application's reference point so that the pattern wiring resistance and voltage
variations caused by large currents do not cause variations in the small signal ground voltage. Be careful not to change
the GND wiring pattern of any external parts, either.
9) SW Pin
Do not apply the voltage to SW pin when the VCC is not applied.
And when the VCC is applied, the voltage of SW pin must not exceed VCC.
10) Thermal shutdown circuit (TSD)
This IC incorporates a built-in thermal shutdown circuit for the protection from thermal destruction. The IC should be used
within the specified power dissipation range. However, in the event that the IC continues to be operated in excess of its
power dissipation limits, the attendant rise in the chip's temperature Tj will trigger the thermal shutdown circuit to turn off
all output power elements. The circuit automatically resets once the chip's temperature Tj drops.
The thermal shutdown circuit operates if the IC is under conditions in express of the absolute maximum ratings. Never
design sets on the premise of using the thermal shutdown circuit. (See Fig. 8)
11) Overcurrent protection circuit (OCP)
The IC incorporates a built-in overcurrent protection circuit that operates according to the output current capacity. This
circuit serves to protect the IC from damage when the load is shorted. The protection circuit is designed to limit current
flow by not latching in the event of a large and instantaneous current flow originating from a large capacitor or other
component. These protection circuits are effective in preventing damage due to sudden and unexpected accidents.
However, the IC should not be used in applications characterized by the continuous operation or transitioning of the
protection circuits. At the time of thermal designing, keep in mind that the current capability has negative characteristics to
temperatures. (See Fig. 3)
GND
N
P
NN
P+
P+
Parasitic element
or transistor
P
substr
t
(Pin B)
C
B
E
Transistor (NPN)
(Pin A)
GND
N
P
N
N
P+
P+
Resistor
Parasitic element
P
Parasitic elements
(Pin A)
Parasitic element or
transistor
(Pin B)
GND
C
B
E


Similar Part No. - BD3575HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3575HFP ROHM-BD3575HFP Datasheet
327Kb / 12P
   High Voltage LDO Regulators
BD3575HFP ROHM-BD3575HFP Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3575HFP ROHM-BD3575HFP Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
More results

Similar Description - BD3575HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com