Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3925HFP-C Datasheet(PDF) 3 Page - Rohm

Part # BD3925HFP-C
Description  Voltage Tracker
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3925HFP-C Datasheet(HTML) 3 Page - Rohm

  BD3925HFP-C Datasheet HTML 1Page - Rohm BD3925HFP-C Datasheet HTML 2Page - Rohm BD3925HFP-C Datasheet HTML 3Page - Rohm BD3925HFP-C Datasheet HTML 4Page - Rohm BD3925HFP-C Datasheet HTML 5Page - Rohm BD3925HFP-C Datasheet HTML 6Page - Rohm BD3925HFP-C Datasheet HTML 7Page - Rohm BD3925HFP-C Datasheet HTML 8Page - Rohm BD3925HFP-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Note
3/9
BD3925FP-C,BD3925HFP-C
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data (BD3925FP-C)
Unless otherwise specified, Vcc=13.2V, ADJ=5V, SW=3V, Ta=25°C
0
1
2
3
4
5
6
0
500
1000
1500
2000
OUTPUT CURRENT: IO [mA]
-1
0
1
2
3
4
5
0
6
12
18
24
30
36
SUPPLY VOLTAGE: VCC [V]
-1
0
1
2
3
4
5
0
6
12
18
24
30
36
SUPPLY VOLTAGE: VCC [V]
0
10
20
30
40
50
60
0
6
12
18
24
30
36
SUPPLY VOLTAGE: VCC [V]
0
10
20
30
40
50
60
70
10
100
1000
10000 100000 1000000
FREQUENCY: f [Hz]
0
1
2
3
0
100
200
300
400
500
OUTPUT CURRENT: Io[mA]
0
40
80
120
160
200
0
6
12
18
24
30
36
SUPPLY VOLTAGE: VSW [V]
0
10
20
30
40
50
-40
0
40
80
120
AMBIENT TEMPERATURE: Ta [
℃]
0
20
40
60
80
100
120
140
0
100
200
300
400
500
OUTPUT CURRENT: Io[mA]
0
1
2
3
4
5
6
100
120
140
160
180
200
AMBIENT TEMPERATURE: Ta [℃]
0
1
2
3
4
5
6
7
02468
10
12
14
16
SUPPLY VOLTAGE: VADJ [V]
0
1
2
3
4
5
6
01
23
SUPPLY VOLTAGE: VSW [V]
Ta=125℃
Ta=-40℃
Ta=25℃
Ta=25℃
Ta=-40℃
Ta=125℃
Ta=-40℃
Ta=25℃
Ta=125℃
Ta=125℃
Ta=-40℃
Ta=25℃
Ta=25℃
Ta=125℃
Ta=-40℃
Ta=125℃
Ta=-40℃
Ta=25℃
Ta=125℃
Ta=-40℃
Ta=25℃
Ta=-40℃
Ta=25℃
Ta=125℃
Ta=-40℃
Ta=25℃
Ta=125℃
Fig.3 Output voltage vs
power supply voltage 2
(Io=200mA)
Fig.2 Output voltage vs
power supply voltage 1
(Io=5mA)
Fig.1 Bias current
Fig.6 Output voltage vs SW input voltage
Fig.4 Dropout voltage
Fig.5 Ripple rejection
Fig.7 Bias current classified by load
Fig.9 Output voltage vs load
Fig.8. Thermal shutdown circuit
Fig.10 SW bias current
Fig.12 Bias current vs temperature
Fig.11 ADJ bias current
Ta=25℃
Ta=125℃
Ta=-40℃


Similar Part No. - BD3925HFP-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
More results

Similar Description - BD3925HFP-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
logo
Infineon Technologies A...
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS115D0 INFINEON-TLS115D0 Datasheet
1Mb / 26P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
   Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
TLS102B0 INFINEON-TLS102B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
logo
SHENZHEN KYL COMMUNICAT...
GSM KYL-GSM Datasheet
168Kb / 15P
   Tracker
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com