Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4155FV Datasheet(PDF) 7 Page - Rohm

Part # BD4155FV
Description  Power Switch IC for ExpressCard
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4155FV Datasheet(HTML) 7 Page - Rohm

Back Button BD4155FV Datasheet HTML 3Page - Rohm BD4155FV Datasheet HTML 4Page - Rohm BD4155FV Datasheet HTML 5Page - Rohm BD4155FV Datasheet HTML 6Page - Rohm BD4155FV Datasheet HTML 7Page - Rohm BD4155FV Datasheet HTML 8Page - Rohm BD4155FV Datasheet HTML 9Page - Rohm BD4155FV Datasheet HTML 10Page - Rohm BD4155FV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BD4155FV
Technical Note
7/16
www.rohm.com
2010.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
BLOCK DIAGRAM
Pin Configration
Pin Function
PIN No
PIN NAME
PIN FUNCTION
1
PLT_RST#
Logic input pin (from HOST)
2
EC_RST#
Logic input pin (from HOST)
3
SYSR
Logic input pin
4
V3_IN1
V3 input pin 1
5
V3_IN2
V3 input pin 2
6
V3_1
V3 output pin 1
7
V3_2
V3 output pin 2
8
PERST#
Logic output pin
9
EC_CLKEN#
Logic input pin (from HOST)
10
GND
GND pin
11
CPUSB#
Logic input pin
12
CPPE#
Logic input pin
13
V15_1
V15 output pin 1
14
V15_2
V15 output pin 2
15
V15_IN1
V15 input pin 1
16
V15_IN2
V15 input pin 2
17
V3AUX
V3AUX output pin
18
V3AUX_IN
V3AUX input pin 1
19
PLL_CLKREQ#
Clock enable signal (to PLL)
20
EC_CLKREQ#
Logic input pin (from CARD)
V3_IN,V3AUX_IN,V15_IN
V3,V3AUX,V15
GND
EC_CLKEN#(from host)
EC_CLKREQ#(from card)
PLL_CLKREQ#(to PLL)
PERST#(to card)
EC_RST#(from host)
PLT_RST#(from host)
V15-2
V15-1 1.5V/625mA
3.3V AUX/275mA
V3-2
V3AUX
V3-1
3.3V/1.30A
VD
TSD,CL,UVLO
TSD,CL,UVLO_AUX
VD
EN,SYSR
CPUSB#
CPPE#
VD
TSD,CL,UVLO
CL
UVLO
UVLO_AUX
V3_IN
V3AUX_IN
V15_IN
Input
logic
Reference
Block
Under
voltage
lock out
Pump
Charge
protection
Thermal
Power
good
TSD
V3AUX_IN
(from host) SYSR
(from card) CPUSB#
(from card) CPPE#
1.5V
3.3V
3.3V
V3_IN
V3_IN2
V3AUX_IN
V15_IN1
V15_IN2
V3AUX_IN
VD
4
5
18
15
16
12
11
3
10
9
20
19
8
2
1
14
13
17
7
6
V3AUX_IN
SSOP-B20 Package
1
2
3
4
5
6
7
8
9
10
PLT_RST#
EC_RST#
SYSR
V3_IN1
V3_IN2
V3_1
V3_2
PERST#
EC_CLKEN#
GND
CPUSB#
CPPE#
V15_1
V15_2
V15_IN1
V15_IN2
V3AUX
V3AUX_IN1
PLL_CLKREQ#
EC_CLKREQ#
20
19
18
17
16
15
14
13
12
11


Similar Part No. - BD4155FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
482Kb / 17P
   Power Switch IC for ExpressCardTM
BD4155FV ROHM-BD4155FV_09 Datasheet
482Kb / 17P
   Power Switch IC for ExpressCardTM
More results

Similar Description - BD4155FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4154FV ROHM-BD4154FV_10 Datasheet
438Kb / 16P
   Power Switch IC for ExpressCard
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com