Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4216NUV Datasheet(PDF) 4 Page - Rohm

Part # BD4216NUV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4216NUV Datasheet(HTML) 4 Page - Rohm

  BD4216NUV_11 Datasheet HTML 1Page - Rohm BD4216NUV_11 Datasheet HTML 2Page - Rohm BD4216NUV_11 Datasheet HTML 3Page - Rohm BD4216NUV_11 Datasheet HTML 4Page - Rohm BD4216NUV_11 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. A
○ Cautions on use
1.
Absolute maximum ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can
break down the devices, thus making impossible to identify breaking mode, such as a short circuit or an open circuit. If any
over rated values will expect to exceed the absolute maximum ratings, consider adding circuit protection devices, such as
fuses.
2.
PGND potential
Ensure a minimum GND pin potential in all operating conditions. In addition, ensure that no pins other than the GND pin
carry a voltage less than or equal to the GND pin, including during actual transient phenomena.
3.
Thermal design
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating
conditions.
4.
Protect circuit
The IC does not incorporate built-in malfunction protection such as overcurrent protection, short detection, or thermal
shutdown circuitry. For this reason, the IC may be damaged if it is shorted or subjected to a load that exceeds the
package power. The design of peripheral application circuits should reflect these potential risks.
5.
Inter-pin shorts and mounting errors
Use caution when positioning the IC for mounting on printed circuit boards. The IC may be damaged if there is any
connection error or if positive and ground power supply terminals are reversed. The IC may also be damaged if pins are
shorted together or are shorted to other circuit’s power lines.
6.
Common impedance
The power supply and ground lines must be as short and thick as possible to reduce line impedance. Fluctuating
voltage on the power ground line may damage the device.
7.
Backside copper foil
Connect to PGND pin for protection of malfunction.
8.
Thermal shutdown
there is a temperature protection circuit in the body ,for protect from heating damage, When thermal circuit
moved, output is OFF condition. However it would be fixed automatically, If it return to regular temperature.
9.
Voltage of START pin
The threshold voltages of START pin are 2.0V. STB state is set below 0.4V while action state is set beyond
2.0V.The region between 0.4V and 2.0V is not recommended and may cause improper operation.


Similar Part No. - BD4216NUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4216NUV ROHM-BD4216NUV Datasheet
173Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD4216NUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com