Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A33R Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1A33R
Description  OPIC Photointerruper with Encoder Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A33R Datasheet(HTML) 2 Page - Sharp Corporation

  GP1A33R Datasheet HTML 1Page - Sharp Corporation GP1A33R Datasheet HTML 2Page - Sharp Corporation GP1A33R Datasheet HTML 3Page - Sharp Corporation GP1A33R Datasheet HTML 4Page - Sharp Corporation GP1A33R Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GP1A33R
( Unless otherwise specified, Ta = 0 to + 70˚C )
*3 Measured under the condition shown in Measurement Condition.
*4 In the condition that output A and B are low level.
t AH
t AP
t
t
*5 DA
=
s Output Waveforms
Symbol
MIN.
TYP.
MAX.
Unit
V F
-
1.2
1.5
V
IR
--
10
µ A
VCC
4.5
5.0
5.5
V
VOH
2.4
4.9
-
V
VOL
-
0.1
0.4
V
ICC
-
5
20
mA
DA*5
DB*5
f MAX.
-
-
kHz
Conditions
Ta= 25˚C, VR=3V
CC
= 5V, I F= 30mA
s Electro-optical Characteristics
Parameter
Input
Forward voltage
Reverse current
Output
High level output voltage
Low level output voltage
Supply current
Transfer
charac-
teristics
Duty ratio
Response frequency
tAH
tAP
tAB1
tBH
tBP
Output A
( VOA)
Output B
( VOB)
Rotational direction : Counterclockwise when seen
from OPIC light detector
Ta= 25˚C, I F= 30mA
70
0
25
50
75
100
60
50
40
30
20
10
0
70
0
50
100
150
200
250
300
100
75
50
25
0
70
80
90
100
65
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Output Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
5
B
BH
BP
*3V
V CC = 5V, IF = 30mA,
*3*4IF = 30mA, VCC=5V
*3 f=2.5kHz
*3V CC = 5V, IF = 30mA
*3IOL= 8mA, VCC = 5V, IF = 30mA
Operating supply voltage
20
20
50
50
80
80
%
%
=
x 100, D
x 100


Similar Part No. - GP1A33R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A30R SHARP-GP1A30R Datasheet
60Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A34LC SHARP-GP1A34LC Datasheet
43Kb / 4P
   OPIC Photointerrupter with Connector
GP1A35R SHARP-GP1A35R Datasheet
144Kb / 5P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTIONS
GP1A35RV SHARP-GP1A35RV Datasheet
64Kb / 5P
   High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
GP1A36RA SHARP-GP1A36RA Datasheet
57Kb / 3P
   OPIC Photointerrupter with Encoder Function
More results

Similar Description - GP1A33R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A16R SHARP-GP1A16R Datasheet
131Kb / 4P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTION
GP1A30R SHARP-GP1A30R Datasheet
60Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A36RB SHARP-GP1A36RB Datasheet
57Kb / 3P
   OPIC Photointerrupter with Encoder Function
GP1A038RBK SHARP-GP1A038RBK Datasheet
84Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A35R SHARP-GP1A35R Datasheet
144Kb / 5P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTIONS
GP1A70R SHARP-GP1A70R Datasheet
76Kb / 6P
   OPIC Photointerrupter with Encoder Functions
GP1A13R SHARP-GP1A13R Datasheet
130Kb / 5P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNTION
GP1A35RV SHARP-GP1A35RV Datasheet
64Kb / 5P
   High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
GP1A10 SHARP-GP1A10 Datasheet
54Kb / 4P
   OPIC Photointerrupter with Connetor
logo
ALPS ELECTRIC CO.,LTD.
RKJXW ALPS-RKJXW Datasheet
1,009Kb / 5P
   8-directional Stick Switch (with Encoder / Center-push Function)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com