Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A33R Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1A33R
Description  OPIC Photointerruper with Encoder Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A33R Datasheet(HTML) 4 Page - Sharp Corporation

  GP1A33R Datasheet HTML 1Page - Sharp Corporation GP1A33R Datasheet HTML 2Page - Sharp Corporation GP1A33R Datasheet HTML 3Page - Sharp Corporation GP1A33R Datasheet HTML 4Page - Sharp Corporation GP1A33R Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Distance Y ( mm ) ( Shifting encoder )
Distance Y ( mm ) ( Shifting encoder )
( - )
( + )
- 1.0
- 0.5
0
0.5
1.0
0.8
0.9
0.5
0.4
0.3
0.2
0.1
0.7
0.6
f= 2.5kHz
- 1.0
- 0.5
0
0.5
1.0
60
50
130
120
110
100
90
80
70
f= 2.5kHz
(Output A )
(Output B )
Disk
V CC=5V
IF = 30mA
θ
AB1 =
x 360˚
t AB1
t AP
GP1A33R
VCC =5V
IF = 30mA
t AH
t AP
t BH
t BP
T a = 25˚C
T a= 25˚C
Fig.10 Phase Difference vs.
GP1A33R
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
f = 2.5kHz
( Output A)
( Output B)
Distance Z ( mm ) ( Shifting encoder )
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
50
70
80
90
100
110
120
130
60
f = 2.5kHz
Distance Z ( mm ) ( Shifting encoder )
Disk
( Detecting side)
( Emitting side )
OPIC
Z
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VCC =5V
IF = 30mA
t AH
t AP
t BH
t BP
VCC =5V
θ
AB1 =
x 360˚
t AB1
t AP
T a= 25˚C
T a= 25˚C
Fig.12 Phase Difference vs.
IF = 30mA
Fig. 9 Duty Ratio vs. Distance (Y direction )
Distance (Y direction )
Fig.11 Duty Ratio vs. Distance (Z direction )
Distance ( Z direction )


Similar Part No. - GP1A33R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A30R SHARP-GP1A30R Datasheet
60Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A34LC SHARP-GP1A34LC Datasheet
43Kb / 4P
   OPIC Photointerrupter with Connector
GP1A35R SHARP-GP1A35R Datasheet
144Kb / 5P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTIONS
GP1A35RV SHARP-GP1A35RV Datasheet
64Kb / 5P
   High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
GP1A36RA SHARP-GP1A36RA Datasheet
57Kb / 3P
   OPIC Photointerrupter with Encoder Function
More results

Similar Description - GP1A33R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A16R SHARP-GP1A16R Datasheet
131Kb / 4P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTION
GP1A30R SHARP-GP1A30R Datasheet
60Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A36RB SHARP-GP1A36RB Datasheet
57Kb / 3P
   OPIC Photointerrupter with Encoder Function
GP1A038RBK SHARP-GP1A038RBK Datasheet
84Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A35R SHARP-GP1A35R Datasheet
144Kb / 5P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTIONS
GP1A70R SHARP-GP1A70R Datasheet
76Kb / 6P
   OPIC Photointerrupter with Encoder Functions
GP1A13R SHARP-GP1A13R Datasheet
130Kb / 5P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNTION
GP1A35RV SHARP-GP1A35RV Datasheet
64Kb / 5P
   High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
GP1A10 SHARP-GP1A10 Datasheet
54Kb / 4P
   OPIC Photointerrupter with Connetor
logo
ALPS ELECTRIC CO.,LTD.
RKJXW ALPS-RKJXW Datasheet
1,009Kb / 5P
   8-directional Stick Switch (with Encoder / Center-push Function)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com