Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3J-3100 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # B3J-3100
Description  Tactile Switch (Hinged Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3J-3100 Datasheet(HTML) 3 Page - Omron Electronics LLC

  B3J-3100 Datasheet HTML 1Page - Omron Electronics LLC B3J-3100 Datasheet HTML 2Page - Omron Electronics LLC B3J-3100 Datasheet HTML 3Page - Omron Electronics LLC B3J-3100 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tactile Switch (Hinged Type)
B3J
267
Dimensions
All units are in millimeters unless otherwise indicated. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Precautions
Be sure to read the precautions common to all Tactile Switches, contained in the Technical User’s Guide, “Tactile Switches, Technical Information”
for correct use.
Types with no LED
B3J-1
@00
PCB Mounting (Top View)
Panel Cutout
Terminal Arrangement
/Internal Connections
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
Terminal Arrangement
/Internal Connections
(Top View)
1 LED Types
B3J-2
@00
B3J-3
@00
B3J-4
@00
PCB Mounting (Top View)
2 LED Types
B3J-5
@00
B3J-6
@00
B3J-7
@00
PCB Mounting (Top View)
Panel Cutout
Panel Cutout
18±0.2
12
6
12±0.2
6
3.5
3.5
9±0.1
13.8±0.5
9±0.1
Four, 1.2±0.05
Two, 1.8±0.05 dia.
(for positioning boss)
9±0.2
12.5±0.1
19.6±0.2
6.8
5±0.1
13.6±0.2
10.3
±0.2
13
24
18±0.2
12
6
12±0.2
6
9±0.1
3.5
3.5
13.8±0.5
9±0.2
10.3
±0.2
9±0.1
Six, 1.2±0.05 dia.
12.5±0.1
2.54±0.1
19.6±0.2
6.8
5±0.1
13.6±0.2
9±0.1
Two, 1.8±0.05 dia.
(for positioning boss)
13
24
A
K
13
24
A
K
A
K
18±0.2
12
6
12±0.2
6
9±0.1
3.5
3.5
13.8±0.5
9±0.2
10.3
±0.2
19.6±0.2
6.8
13.6±0.2
9±0.1
Eight, 1.2±0.05 dia.
Two, 1.8±0.05 dia.
(for positioning boss)
12.5±0.1
3.46±0.1
2.54±0.1
2.54±0.1
5±0.1
9±0.1


Similar Part No. - B3J-3100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3J-3100 OMRON-B3J-3100 Datasheet
327Kb / 6P
   Tactile Switch (Hinged Type)
More results

Similar Description - B3J-3100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3J OMRON-B3J_1 Datasheet
327Kb / 6P
   Tactile Switch (Hinged Type)
logo
Mitsumi Electronics, Co...
STU MITSUMI-STU Datasheet
143Kb / 2P
   Waterproof Small Type Tactile Switch
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com