Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A38L5 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1A38L5
Description  Multi-channel OPIC Photointerrupter with Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A38L5 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1A38L5 Datasheet HTML 1Page - Sharp Corporation GP1A38L5 Datasheet HTML 2Page - Sharp Corporation GP1A38L5 Datasheet HTML 3Page - Sharp Corporation GP1A38L5 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GP1A38L5/GP1A38L7
5
4
3
2
1
0
6
h
Shield
Output ON
Output OFF
Shield distance h ( mm)
Detecting position
Shield distance h ( mm)
Shield
h
6
0
12
3
4
5
(GP1A38L5 )
(GP1A38L7 )
V CC= 5V, R L= 47kΩ
T a= 25˚C
Detecting position
h= 3.0
+ 2.0
V CC= 5V, R L= 47kΩ
T a= 25˚C
h= 3.0
+ 2.0
s Precautions for Use
( 1) In this product, the PWB is fixed with a resin cover, and cleaning solvent may remain
( 2) Remove dust or stains, using an air blower or a soft cloth moistened in cleaning solvent.
marking portion.
In this case, use only the following type of cleaning solvent used for wiping off:
Ethyl alcohol, Methyl alcohol, Isopropyl alcohol
When the cleaning solvents except for specified materials are used, please consult us.
( 3) In order to stabilize power supply line, connect a by-pass capacitor of more than 0.01
µF
between Vcc and GND near the device.
Fig.6-a Detecting Position Characteristics (2)
Fig.6-b Detecting Position Characteristics (2)
Output OFF
Output ON
inside the case; therefore, dip cleaning or ultrasonic cleaning are prohibited.
However, do not perform the above cleaning using a soft cloth with cleaning solvent in the
( 4) As for other general cautions, refer to the chapter “ Precautions for Use ”.
- 1.5
mm
- 1.5
mm


Similar Part No. - GP1A38L5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A30R SHARP-GP1A30R Datasheet
60Kb / 4P
   OPIC Photointerrupter with Encoder Function
GP1A33R SHARP-GP1A33R Datasheet
63Kb / 5P
   OPIC Photointerruper with Encoder Function
GP1A34LC SHARP-GP1A34LC Datasheet
43Kb / 4P
   OPIC Photointerrupter with Connector
GP1A35R SHARP-GP1A35R Datasheet
144Kb / 5P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTIONS
GP1A35RV SHARP-GP1A35RV Datasheet
64Kb / 5P
   High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
More results

Similar Description - GP1A38L5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
   OPIC Photointerrupter with Connector
GP1A05A2 SHARP-GP1A05A2 Datasheet
62Kb / 5P
   OPIC Photointerrupter with Connector
GP1A05 SHARP-GP1A05 Datasheet
61Kb / 4P
   OPIC Photointerrupter with Connector
GP1A34LC SHARP-GP1A34LC Datasheet
43Kb / 4P
   OPIC Photointerrupter with Connector
GP1A73A SHARP-GP1A73A Datasheet
51Kb / 4P
   Compact OPIC Photointerrupter with Connector
GP1A74A SHARP-GP1A74A Datasheet
51Kb / 4P
   Compact OPIC Photointerrupter with Connector
GP1A10 SHARP-GP1A10 Datasheet
54Kb / 4P
   OPIC Photointerrupter with Connetor
GP1A52LR SHARP-GP1A52LR Datasheet
51Kb / 4P
   OPIC Photointerrupter
GP1A75E SHARP-GP1A75E Datasheet
42Kb / 3P
   Small Size OPIC Photointerrupter with Connector
GP1A58HR SHARP-GP1A58HR Datasheet
50Kb / 4P
   OPIC Photointerrupter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com