Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3F-4005 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # B3F-4005
Description  Tactile Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F-4005 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button B3F-4005 Datasheet HTML 3Page - Omron Electronics LLC B3F-4005 Datasheet HTML 4Page - Omron Electronics LLC B3F-4005 Datasheet HTML 5Page - Omron Electronics LLC B3F-4005 Datasheet HTML 6Page - Omron Electronics LLC B3F-4005 Datasheet HTML 7Page - Omron Electronics LLC B3F-4005 Datasheet HTML 8Page - Omron Electronics LLC B3F-4005 Datasheet HTML 9Page - Omron Electronics LLC B3F-4005 Datasheet HTML 10Page - Omron Electronics LLC B3F-4005 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Tactile Switch
B3F
227
■ 12 x 12 mm Models
B3F-4000, B3F-4005,
B3F-5000, B3F-5001
Standard, Long-life,
and High-reliability Models
Flat Plunger Type
(without Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/
Internal Connections
(Top View)
12±0.2
0.3
1
1
5±0.2
5±0.1
Four,
1.2±0.05 dia.
9±0.1
3.5
12±0.2
7.1 dia.
12.5±0.1
12.5±0.5
9±0.1
13.8±0.5
4
2
3
1
4.3±0.2
3.5
Two, 1.8±0.05 dia.
(for positioning boss)
B3F-4050, B3F-4055,
B3F-5050, B3F-5051
Standard, Long-life,
and High-reliability Models
Projected Plunger Type
(without Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/
Internal Connections
(Top View)
12±0.2
5±0.2
12±0.2
3.8 3.8±0.1
11
7.1 dia.
9±0.1
4.3±0.2
7.3±0.2
3.5
0.3
3.5
1.8±0.2
12.5±0.5
13.8±0.5
4
2
3
1
5±0.1
Four,
1.2±0.05 dia.
9±0.1
12.5±0.1
Two, 1.8±0.05 dia.
(for positioning boss)
B3F-4100, B3F-4105,
B3F-5100, B3F-5101
Standard, Long-life,
and High-reliability Models
Flat Plunger Type
(with Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/
Internal Connections
(Top View)
5±0.1
6.9±0.1
Five,
1.2±0.05 dia.
Two, 1.8±0.05 dia.
(for positioning boss)
9±0.1
12±0.2
5±0.2
1.6
12±0.2
12.5±0.1
1
6.9
1
7.1 dia.
9±0.1
4.3±0.2
3.5
0.3
0.9
3.5
12.5±0.5
13.8±0.5
4
2
3
5
1
B3F-4150, B3F-4155,
B3F-5150, B3F-5151
Standard, Long-life,
and High-reliability Models
Projected Plunger Type
(with Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/
Internal Connections
(Top View)
3.8 3.8±0.1
7.1 dia.
12±0.2
7.3±0.2
5±0.2
1.6
12±0.2
4.3±0.2
3.5
0.3
0.9
3.5
1.8±0.2
12.5±0.5
13.8±0.5
1
6.9
1
9±0.1
4
2
3
5
1
5±0.1
6.9±0.1
Five,
1.2±0.05 dia.
Two, 1.8±0.05 dia.
(for positioning boss)
9±0.1
12.5±0.1


Similar Part No. - B3F-4005

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-4005 OMRON-B3F-4005 Datasheet
328Kb / 5P
   Mechanical Key Switch
logo
List of Unclassifed Man...
B3F-4005 ETC2-B3F-4005 Datasheet
1Mb / 9P
   A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
logo
Omron Electronics LLC
B3F-4005S OMRON-B3F-4005S Datasheet
328Kb / 5P
   Mechanical Key Switch
More results

Similar Description - B3F-4005

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com