Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2042AFJ Datasheet(PDF) 1 Page - Rohm

Part # BD2042AFJ
Description  2ch High Side Switch ICs for USB Devices and Memory Cards
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2042AFJ Datasheet(HTML) 1 Page - Rohm

  BD2042AFJ Datasheet HTML 1Page - Rohm BD2042AFJ Datasheet HTML 2Page - Rohm BD2042AFJ Datasheet HTML 3Page - Rohm BD2042AFJ Datasheet HTML 4Page - Rohm BD2042AFJ Datasheet HTML 5Page - Rohm BD2042AFJ Datasheet HTML 6Page - Rohm BD2042AFJ Datasheet HTML 7Page - Rohm BD2042AFJ Datasheet HTML 8Page - Rohm BD2042AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/20
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Power Management Switch ICs for PCs and Digital Consumer Products
2ch High Side Switch ICs
for USB Devices and Memory Cards
BD6512F,BD6513F,BD6516F,BD6517F,BD2042AFJ,BD2052AFJ
Description
High side switch for USB is a high side switch having over current protection used in power supply line of universal serial bus
(USB). Its switch unit has two channels of N-channel power MOSFET, and current of 500mA as USB standard can be flown
to the respective channels. And, over current detection circuit, thermal shutdown circuit, under voltage lockout and soft start
circuit are built in.
Features
1) Dual N-MOS high side switch
2) Continuous current load 0.5A
3) Control input logic
Active-Low
Active-High
4) Soft start circuit
5) Over current detection
6) Thermal shutdown
7) Under voltage lockout
8) Open drain error flag output
9) Reverse-current protection when switch off
10) Flag output delay filter built in
Applications
USB hub in consumer appliances, Car accessory, PC, PC peripheral equipment, and so forth
Lineup
Parameter
BD6512F
BD6513F
BD6516F
BD6517F BD2052AFJ BD2042AFJ
Unit
Over current detection
1.65
1.65
-
-
-
-
A
Output current at short
-
-
1.65
1.65
1.0
1.0
A
On resistance
100
100
110
110
100
100
Control input logic
High
Low
High
Low
High
Low
-
Reverse current flow
blockingat switch off
-
-
-
Flag output delay filter
-
-
-
No.11029EBT11


Similar Part No. - BD2042AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2042AFJ ROHM-BD2042AFJ Datasheet
215Kb / 6P
   High-Side Switch
BD2042AFJ-E2 ROHM-BD2042AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2042AFJ-E2 ROHM-BD2042AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results

Similar Description - BD2042AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2062FJ ROHM-BD2062FJ_11 Datasheet
331Kb / 17P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com