Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148W Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N4148W
Description  High Speed Switching Diode 400mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4148W Datasheet(HTML) 1 Page - Micro Commercial Components

  1N4148W_11 Datasheet HTML 1Page - Micro Commercial Components 1N4148W_11 Datasheet HTML 2Page - Micro Commercial Components 1N4148W_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4148W
High Speed
Switching Diode
400mW
Features
Fast switching speed
Surface Mount Package Ideally Suited for Automatic Insertion
For general purpose switching applications
High conductance
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: Indicated by Cathode Band
Weight: 0.01 grams (approx.)
SOD123
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
A
B
E
C
J
D
H
G
0.036”
0.093
0.048”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
TM
Micro Commercial Components
Marking Code: T4,A2
1 of 3
Mechanical Data
Absolute maximum Ratings
Symbol
Parameter
Rating
Unit
VRM
Peak Repetitive Reverse Voltage
100
V
VR
DC Reverse Blocking Voltage
100
V
VR(RMS)
RMS Reverse Voltage
71
V
IFM
Peak Forward Current
300
mA
IO
Average Rectified Output Current
150
mA
IFSM
Forward Surge Current @1us
@1s
2
1
A
PD
Power Dissipation
400
mW
R©ja
Thermal Resistance Junction to Ambient
312.5
OC/W
TJ
Operating Junction Temperature
-65 to +150
OC
TSTG
Storage Temperature
-65 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
VF
Forward Voltage Drop
(IF=1mAdc)
(IF=10mAdc)
(IF=50mAdc)
(IF=150mAdc)
---
---
---
---
0.715
0.855
1.00
1.25
Vdc
IR
Reverse Current
(VR=75Vdc,T=2
 )
(VR=20Vdc,T=2
 )
(VR=75Vdc,T=150
)
---
---
---
1.0
0.025
50
uAdc
CT
Total Capacitance
(VR=0Vdc, f=1.0MHz)
---
2.0
pF
Trr
Reverse Recovery Time
(Irr=0.1*IR, IF=IR10mAdc, RL=100
¡)
---
4.0
ns
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Revision: A
2011/01/01
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - 1N4148W_11

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N4148W TAK_CHEONG-1N4148W_11 Datasheet
189Kb / 5P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
More results

Similar Description - 1N4148W_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
BAS316 MCC-BAS316_13 Datasheet
422Kb / 4P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_13 Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
BAS316 MCC-BAS316 Datasheet
400Kb / 4P
   High Speed Switching Diode 400mW
logo
Taiwan Semiconductor Co...
TS4148RYG TSC-TS4148RYG Datasheet
122Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RY TSC-TS4148RY Datasheet
115Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_10 Datasheet
193Kb / 3P
   400mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com