Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148WX Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N4148WX
Description  High Speed Switching Diode 500mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4148WX Datasheet(HTML) 1 Page - Micro Commercial Components

  1N4148WX Datasheet HTML 1Page - Micro Commercial Components 1N4148WX Datasheet HTML 2Page - Micro Commercial Components 1N4148WX Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
Features
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
Mechanical Data
Marking : T4
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: Indicated by Cathode Band
Weight: 0.008 grams ( approx.)
1N4148WX
A
B
E
C
J
D
H
G
SOD323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
High Speed
Switching Diode
500mW
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Maximum Ratings @ 25
°C Unless Otherwise Specified
Average Rectified Current
IF(AV)
300
(1)
mA
Peak Forward Surge Current t<1S
I
2.0
A
FSM
Power Dissipation
PD
500
mW
Thermal Resistance
RJA
315
K/W
Operation/Storage Temp.
Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Maximum Instantaneous
Forward Voltage
VF
1.0V
IFM = 50mA;
TJ = 25
°C (Note 1)
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
25nA
50
µA
5.0uA
VR=20Volts
TJ = 25
°C
TJ = 150
°C
VR=75V, TJ=25
OC
Typical Junction
Capacitance
CJ
4pF
VF=VR=0V
Maximum Reverse
Recovery Time
Trr
4nS
IF=50mA
I rr =
RL=100
0.1IR
Revision: A
2011/01/01
TM
Micro Commercial Components
Moisture Sensitivity: Level 1 per J-STD-020C
www.mccsemi.com
1 of 3
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Fast Switching Speed
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. Valid provided that terminals are kept at ambient temperature
Reverse Voltage
V
75
V
R
Peak Reverse Voltage
V
100
V
RM


Similar Part No. - 1N4148WX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX Datasheet
99Kb / 2P
   High Speed Switching Diode 500mW
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
   High Speed Switching Diode 500mW
logo
Shanghai Shunye Electro...
1N4148WX SY-1N4148WX Datasheet
940Kb / 3P
   FAST SWITCHING DIODES
logo
Micro Commercial Compon...
1N4148WX-TP MCC-1N4148WX-TP Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
1N4148WXL MCC-1N4148WXL Datasheet
295Kb / 3P
   High Speed Switching Diode 200mW
More results

Similar Description - 1N4148WX

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148WX CHENYI-1N4148WX Datasheet
69Kb / 2P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
1N4148 TSC-1N4148_10 Datasheet
228Kb / 3P
   500mW High Speed Switching Diode
1N914B TSC-1N914B Datasheet
102Kb / 2P
   500mW High Speed Switching Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX Datasheet
99Kb / 2P
   High Speed Switching Diode 500mW
1N4148W MCC-1N4148W Datasheet
94Kb / 2P
   High Speed Switching Diode 500mW
logo
Taiwan Semiconductor Co...
1N4148 TSC-1N4148_14 Datasheet
193Kb / 4P
   500mW High Speed Switching Diode
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_09 Datasheet
104Kb / 2P
   500mW High Speed SMD Switching Diode
TS4148RXG TSC-TS4148RXG_14 Datasheet
208Kb / 4P
   500mW High Speed SMD Switching Diode
LL4148 TSC-LL4148_12 Datasheet
330Kb / 3P
   500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com