Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4840G Datasheet(PDF) 8 Page - Rohm

Part # BD4840G
Description  Standard CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4840G Datasheet(HTML) 8 Page - Rohm

Back Button BD4840G Datasheet HTML 2Page - Rohm BD4840G Datasheet HTML 3Page - Rohm BD4840G Datasheet HTML 4Page - Rohm BD4840G Datasheet HTML 5Page - Rohm BD4840G Datasheet HTML 6Page - Rohm BD4840G Datasheet HTML 7Page - Rohm BD4840G Datasheet HTML 8Page - Rohm BD4840G Datasheet HTML 9Page - Rohm BD4840G Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Technical Note
8/9
BD48
□□G, BD48□□FVE, BD49□□G, BD49□□FVE series
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
 Operation Notes
1 . Absolute maximum range
Absolute Maximum Ratings are those values beyond which the life of a device may be destroyed. We cannot be defined the
failure mode, such as short mode or open mode. Therefore a physical security countermeasure, like fuse, is to be given
when a specific mode to be beyond absolute maximum ratings is considered.
2 . GND potential
GND terminal should be a lowest voltage potential every state.
Please make sure all pins, which are over ground even if, include transient feature.
3 . Electrical Characteristics
Be sure to check the electrical characteristics that are one the tentative specification will be changed by temperature,
supply voltage, and external circuit.
4 . Bypass Capacitor for Noise Rejection
Please put into the capacitor of 1
μF or more between VDD pin and GND, and the capacitor of about 1000pF between VOUT
pin and GND, to reject noise. If extremely big capacitor is used, transient response might be late. Please confirm sufficiently
for the point.
5 . Short Circuit between Terminal and Soldering
Don’t short-circuit between Output pin and VDD pin, Output pin and GND pin, or VDD pin and GND pin. When soldering the
IC on circuit board, please be unusually cautious about the orientation and the position of the IC. When the orientation is
mistaken the IC may be destroyed.
6 . Electromagnetic Field
Mal-function may happen when the device is used in the strong electromagnetic field.
7 .
The VDD line inpedance might cause oscillation because of the detection current.
8 .
A VDD -GND capacitor (as close connection as possible) should be used in high VDD line impedance condition.
9 .
Lower than the mininum input voltage makes the VOUT high impedance, and it must be VDD in pull up (VDD) condition.
10.
This IC has extremely high impedance terminals. Small leak current due to the uncleanness of PCB surface might cause
unexpected operations. Application values in these conditions should be selected carefully. If the leakage is assumed
between the VOUT terminal and the GND terminal, the pull-up resistor should be less than 1/10 of the assumed leak
resistance.
11. External parameters
The recommended parameter range for RL is 10k
Ω~1MΩ. There are many factors (board layout, etc) that can affect
characteristics. Please verify and confirm using practical applications.
12. Power on reset operation
Please note that the power on reset output varies with the VDD rise up time. Please verify the actual operation.
13. Precautions for board inspection
Connecting low-impedance capacitors to run inspections with the board may produce stress on the IC. Therefore, be
certain to use proper discharge procedure before each process of the test operation.
To prevent electrostatic accumulation and discharge in the assembly process, thoroughly ground yourself and any
equipment that could sustain ESD damage, and continue observing ESD-prevention procedures in all handing, transfer
and storage operations. Before attempting to connect components to the test setup, make certain that the power supply is
OFF. Likewise, be sure the power supply is OFF before removing any component connected to the test setup.
14. When the power supply, is turned on because of in certain cases, momentary Rash-current flow into the IC at the logic
unsettled, the couple capacitance, GND pattern of width and leading line must be considered.


Similar Part No. - BD4840G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4840G ROHM-BD4840G Datasheet
198Kb / 6P
   Voltage Detector IC
BD4840G ROHM-BD4840G Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4840G-TL ROHM-BD4840G-TL Datasheet
509Kb / 19P
   Standard CMOS Voltage Detector IC
BD4840G-TL ROHM-BD4840G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4840G-TL ROHM-BD4840G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD4840G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com