Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N4448
Description  500mW 100Volt Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4448 Datasheet(HTML) 2 Page - Micro Commercial Components

  1N4448_11 Datasheet HTML 1Page - Micro Commercial Components 1N4448_11 Datasheet HTML 2Page - Micro Commercial Components 1N4448_11 Datasheet HTML 3Page - Micro Commercial Components 1N4448_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4448
Admissable Power Dissipation - MilliWattsversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
100
200
300
Single Phase, Half Wave
60Hz Resistive or Inductive Load
MilliWatts
°C
150
400
500
600
Junction Capacitance - pFversus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
200
100
MilliAmps
.4
.6
.8
1.0
1.2
1.4
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
.1
.2
.6
1
2
10
pF
Volts
6
4
.4
400
1000
TJ=25
°C
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - 1N4448_11

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4448-1 MICROSEMI-1N4448-1 Datasheet
194Kb / 3P
   Computer Switching Diode
Rev. 1
logo
Vishay Siliconix
1N4448 VISHAY-1N4448_12 Datasheet
104Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.1, 17-Aug-10
logo
Micro Commercial Compon...
1N4448 MCC-1N4448_12 Datasheet
431Kb / 4P
   500mW 100Volt Switching Diode
logo
Rectron Semiconductor
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Micro Commercial Compon...
1N4448 MCC-1N4448_13 Datasheet
290Kb / 4P
   500mW 100Volt Switching Diode
More results

Similar Description - 1N4448_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448 MCC-1N4448 Datasheet
77Kb / 3P
   500mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
DL4448 CHENYI-DL4448 Datasheet
330Kb / 3P
   500mw 100volt switching diode
logo
Micro Commercial Compon...
DL4448 MCC-DL4448_11 Datasheet
223Kb / 4P
   500mW 100Volt Switching Diode
1N4448 MCC-1N4448_13 Datasheet
290Kb / 4P
   500mW 100Volt Switching Diode
DL4448 MCC-DL4448 Datasheet
351Kb / 3P
   500mW 100Volt Switching Diode
1N4448 MCC-1N4448_12 Datasheet
431Kb / 4P
   500mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
DL914 CHENYI-DL914 Datasheet
338Kb / 3P
   500mw 100volt silicon switching diode
logo
Micro Commercial Compon...
BAS16 MCC-BAS16_11 Datasheet
161Kb / 3P
   350mW 100Volt Switching Diode
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
   350mW 100Volt Switching Diode
logo
Shanghai Lunsure Electr...
BAS16 CHENYI-BAS16 Datasheet
49Kb / 2P
   350mW 100Volt Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com