Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7844AEFV Datasheet(PDF) 11 Page - Rohm

Part # BD7844AEFV
Description  LED Driver for Indicators and Signage
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7844AEFV Datasheet(HTML) 11 Page - Rohm

Back Button BD7844AEFV Datasheet HTML 6Page - Rohm BD7844AEFV Datasheet HTML 7Page - Rohm BD7844AEFV Datasheet HTML 8Page - Rohm BD7844AEFV Datasheet HTML 9Page - Rohm BD7844AEFV Datasheet HTML 10Page - Rohm BD7844AEFV Datasheet HTML 11Page - Rohm BD7844AEFV Datasheet HTML 12Page - Rohm BD7844AEFV Datasheet HTML 13Page - Rohm BD7844AEFV Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Technical Note
11/13
BD7844AEFV
www.rohm.com
2011.07 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Notes for use
1.
Absolute Maximum Ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc.,
can break down devices, thus making impossible to identify breaking mode such as a short circuit or an open circuit. If
any special mode exceeding the absolute maximum ratings is assumed, consideration should be given to take physical
safety measures including the use of fuses, etc.
2.
Power supply and ground line
Design PCB pattern to provide low impedance for the wiring between the power supply and the ground lines. Pay
attention to the interference by common impedance of layout pattern when there are plural power supplies and ground
lines. Especially, when there are ground pattern for small signal and ground pattern for large current included the
external circuits, please separate each ground pattern. Furthermore, for all power supply pins to ICs, mount a capacitor
between the power supply and the ground pin. At the same time, in order to use a capacitor, thoroughly check to be sure
the characteristics of the capacitor to be used present no problem including the occurrence of capacity dropout at a low
temperature, thus determining the constant.
3.
Ground voltage
Make setting of the potential of the ground pin so that it will be maintained at the minimum in any operating state.
Furthermore, check to be sure no pins are at a potential lower than the ground voltage including an actual electric
transient.
4.
Short circuit between pins and erroneous mounting
In order to mount ICs on a set PCB, pay thorough attention to the direction and offset of the ICs. Erroneous mounting
can break down the ICs. Furthermore, if a short circuit occurs due to foreign matters entering between pins or between
the pin and the power supply or the ground pin, the ICs can break down.
5.
Operation in strong electromagnetic field
Be noted that using ICs in the strong electromagnetic field can malfunction them.
6.
Input pins
In terms of the construction of IC, parasitic elements are inevitably formed in relation to potential. The operation of the
parasitic element can cause interference with circuit operation, thus resulting in a malfunction and then breakdown of
the input pin. Therefore, pay thorough attention not to handle the input pins, such as to apply to the input pins a voltage
lower than the ground respectively, so that any parasitic element will operate. Furthermore, do not apply a voltage to the
input pins when no power supply voltage is applied to the IC. In addition, even if the power supply voltage is applied,
apply to the input pins a voltage lower than the power supply voltage or within the guaranteed value of electrical
characteristics.
7.
External capacitor
In order to use a ceramic capacitor as the external capacitor, determine the constant with consideration given to a
degradation in the nominal capacitance due to DC bias and changes in the capacitance due to temperature, etc.
8.
Thermal shutdown circuit (TSD)
This LSI builds in a thermal shutdown (TSD) circuit. When junction temperatures become detection temperature or
higher, the thermal shutdown circuit operates and turns a switch OFF. The thermal shutdown circuit, which is aimed at
isolating the LSI from thermal runaway as much as possible, is not aimed at the protection or guarantee of the LSI.
Therefore, do not continuously use the LSI with this circuit operating or use the LSI assuming its operation.
9.
Thermal design
Perform thermal design in which there are adequate margins by taking into account the permissible dissipation (Pd) in
actual states of use.
10. About the pin for the test, the un-use pin
Prevent a problem from being in the pin for the test and the un-use pin under the state of actual use. Please refer to a
function manual and an application notebook. And, as for the pin that doesn't specially have an explanation, ask our
company person in charge.
11. About the rush current
For ICs with more than one power supply, it is possible that rush current may flow instantaneously due to the internal
powering sequence and delays. Therefore, give special consideration to power coupling capacitance, power wiring,
width of ground wiring, and routing of wiring.
12. About the function description or application note or more.
The function description and the application notebook are the design materials to design a set. So, the contents of the
materials aren't always guaranteed. Please design application by having fully examination and evaluation include the
external elements.


Similar Part No. - BD7844AEFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7844AEFV-LB ROHM-BD7844AEFV-LB Datasheet
676Kb / 18P
   16-Channel, 8-Bit PWM LED Driver with I2C Compatible and 2-wire Serial Interface
BD7844AEFV-LBE2 ROHM-BD7844AEFV-LBE2 Datasheet
676Kb / 18P
   16-Channel, 8-Bit PWM LED Driver with I2C Compatible and 2-wire Serial Interface
More results

Similar Description - BD7844AEFV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6480H STMICROELECTRONICS-EVAL6480H Datasheet
1Mb / 12P
   FLAG and BUSY LED indicators
logo
List of Unclassifed Man...
70165 ETC2-70165 Datasheet
259Kb / 4P
   High Flux LED Module Ideal for Signage Applications
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
logo
NTE Electronics
NTE3012 NTE-NTE3012 Datasheet
80Kb / 2P
   Discrete LED Indicators
NTE3007 NTE-NTE3007 Datasheet
22Kb / 3P
   Discrete LED Indicators
logo
Marl International Limi...
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com