Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8105FV Datasheet(PDF) 1 Page - Rohm

Part # BD8105FV
Description  LED Indicator Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8105FV Datasheet(HTML) 1 Page - Rohm

  BD8105FV Datasheet HTML 1Page - Rohm BD8105FV Datasheet HTML 2Page - Rohm BD8105FV Datasheet HTML 3Page - Rohm BD8105FV Datasheet HTML 4Page - Rohm BD8105FV Datasheet HTML 5Page - Rohm BD8105FV Datasheet HTML 6Page - Rohm BD8105FV Datasheet HTML 7Page - Rohm BD8105FV Datasheet HTML 8Page - Rohm BD8105FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/12
www.rohm.com
2011.05 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Power Management ICs for Automotive Body Control
LED
Indicator Driver
BD8105FV
Description
The BD8105FV is a serial parallel control LED driver with 35V input voltage rating.
Responding to the 3-line serial data, it turns the 12ch open drain output on/off.
Due to its compact size, it is optimal for small spaces.
Features
1) Open Drain Output
2) 3-line Serial Control + Enable Signal
3) Internal Temperature Protection Circuit (TSD)
4) Cascade Connection Compatible
5) SSOP-B20W
6) Internal 12 ch Power Transistor
Applications
These ICs can be used with car and consumer electronic.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VCC
7
V
Output Voltage(Pin No : 4~9, 11~16)
VDmax
35
V
Input Voltage(Pin No : 1, 2, 3, 17, 18)
VIN
-0.3~VCC
V
Power Dissipation
Pd
1187*
mW
Operating Temperature Range
Topr
-40~+105
Storage Temperature Range
Tstg
-55~+150
Drive Current (DC)
IomaxD
50
mA
Drive Current(Pulse)
IomaxP
150**
mA
Junction Temperature
Tjmax
150
*
Pd decreased at 9.50mW/℃ for temperatures above Ta=25℃,mounted on 70×70×1.6mm Glass-epoxy PCB.
**
Do not however exceed Pd. Time to impress≦200msec
No.11039ECT01


Similar Part No. - BD8105FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8105FV ROHM-BD8105FV Datasheet
331Kb / 6P
   A serial control LED driver for car
BD8105FV ROHM-BD8105FV Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
More results

Similar Description - BD8105FV

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G963B IDEA-G963B Datasheet
35Kb / 2P
   LED Indicator
logo
Marl International Limi...
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
   PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
   PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
   PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
   PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
   PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
   PANEL INDICATOR LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com