Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8112EFV-M Datasheet(PDF) 7 Page - Rohm

Part # BD8112EFV-M
Description  White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8112EFV-M Datasheet(HTML) 7 Page - Rohm

Back Button BD8112EFV-M_11 Datasheet HTML 3Page - Rohm BD8112EFV-M_11 Datasheet HTML 4Page - Rohm BD8112EFV-M_11 Datasheet HTML 5Page - Rohm BD8112EFV-M_11 Datasheet HTML 6Page - Rohm BD8112EFV-M_11 Datasheet HTML 7Page - Rohm BD8112EFV-M_11 Datasheet HTML 8Page - Rohm BD8112EFV-M_11 Datasheet HTML 9Page - Rohm BD8112EFV-M_11 Datasheet HTML 10Page - Rohm BD8112EFV-M_11 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Technical Note
7/22
www.rohm.com
2011.08 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
BD8112EFV-M
5V voltage reference (VREG)
5V (Typ.) is generated from the VCC input voltage when the enable pin is set high. This voltage is used to power internal
circuitry, as well as the voltage source for device pins that need to be fixed to a logical HIGH. UVLO protection is integrated
into the VREG pin. The voltage regulation circuitry operates uninterrupted for output voltages higher than 4.45 V (Typ.),
but if output voltage drops to 4.3 V (Typ.) or lower, UVLO engages and turns the IC off. Connect a capacitor (Creg = 2.2µF
Typ.) to the VREG terminal for phase compensation. Operation may become unstable if Creg is not connected.
Constant-current LED drivers
If less than four constant-current drivers are used, unused channels should be switched off via the LEDEN pin configuration.
The truth table for these pins is shown below. If a driver output is enabled but not used (i.e. left open), the IC’s open
circuit-detection circuitry will operate. Please keep the unused pins open. The LEDEN terminals are pulled down internally
in the IC, so if left open, the IC will recognize them as logic LO. However, they should be connected directly to VREG or
fixed to a logic HI when in use.
LED EN
LED
1
2
L
ON
ON
H
ON
OFF
Output current setting
LED current is computed via the following equation:
ILED = min[VDAC , VISET(=2.0V)] / RSET x GAIN [A]
(min[VDAC , 2.0V] = the smaller value of either VDAC or VISET; GAIN = set by internal circuitry.)
In applications where an external signal is used for output current control, a control voltage in the range of 0.0 to 2.0 V
can be connected on the VDAC pin to control according to the above equation. If an external control signal is not used,
connect the VDAC pin to VREG (do not leave the pin open as this may cause the IC to malfunction). Also, do not switch
individual channels on or off via the LEDEN pin while operating in PWM mode.
The following diagram illustrates the relation between ILED and GAIN.
In PWM intensity control mode, the ON/OFF state of each current driver is controlled directly by the input signal on the
PWM pin; thus, the duty ratio of the input signal on the PWM pin equals the duty ratio of the LED current. When not
controlling intensity via PWM, fix the PWM terminal to a high voltage (100%). Output light intensity is greatest at 100%
input.
ILED vs GAIN
2850
2900
2950
3000
3050
3100
3150
0
20
40
60
80
100
120
140
160
ILED[mA]
PWM
ILED(50mA/div)
PWM
ILED
PWM=150Hz Duty=50%
PWM=150Hz Duty=0.


Similar Part No. - BD8112EFV-M_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8112EFV-M ROHM-BD8112EFV-M Datasheet
547Kb / 19P
   Automotive White LED Driver IC
More results

Similar Description - BD8112EFV-M_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6066GU ROHM-BD6066GU_11 Datasheet
389Kb / 16P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com