Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8113EFV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD8113EFV-E2
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8113EFV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD8113EFV-E2 Datasheet HTML 7Page - Rohm BD8113EFV-E2 Datasheet HTML 8Page - Rohm BD8113EFV-E2 Datasheet HTML 9Page - Rohm BD8113EFV-E2 Datasheet HTML 10Page - Rohm BD8113EFV-E2 Datasheet HTML 11Page - Rohm BD8113EFV-E2 Datasheet HTML 12Page - Rohm BD8113EFV-E2 Datasheet HTML 13Page - Rohm BD8113EFV-E2 Datasheet HTML 14Page - Rohm BD8113EFV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical Note
11/19
BD8113EFV
www.rohm.com
2011.07 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
1.
Computation of the Input Peak Current and IL_MAX
Calculation of the maximum output voltage (Vout_max)
To calculate the Vout_max, it is necessary to take into account of the VF variation and the number of LED
connection in series.
Vout_max = (VF + ΔVF) × N + 1.0V ΔVF: VF Variation N: Number of LED connection in series
Calculation of the output current Iout
Iout = ILED × 1.05 × M
M:Number of LED connection in parallel
Calculation of the input peak current IL_MAX
IL_MAX = IL_AVG + 1/2ΔIL
IL_AVG = (VIN + Vout) × Iout / (n × VIN)
Δ
IL=
×
×
n: efficiency Fosc: switching frequency
The worst case scenario for VIN is when it is at the minimum, and thus the minimum value should be applied in the
equation.
The L value of 10µF
 47µF is recommended. The current-mode type of DC/DC conversion is adopted for
BD8113EFV, which is optimized with the use of the recommended L value in the design stage. This recommendation
is based upon the efficiency as well as the stability. The L values outside this recommended range may cause
irregular switching waveform and hence deteriorate stable operation.
n (efficiency) is approximately 80%
External Application Circuit
2.
The setting of over-current protection
Choose Rcs with the use of the equation Vocp_min (=0.54V) / Rcs > IL_MAX
When investigating the margin, it is worth noting that the L value may vary by approximately ±30%.
3.
The selection of the L
In order to achieve stable operation of the current-mode DC/DC converter, we recommend selecting the L value in the
range indicated below:
0.05 [V/µs] <
< 0.3 [V/µs]
The smaller
allows stability improvement but slows down the response time.
4.
Selection of coil L, diode D1 and D2, MOSFET M1 and M2, and Rcs
Current rating
Voltage rating
Heat loss
Coil L
> IL_MAX
Diode D1
> Iocp
> VIN_MAX
Diode D2
> Iocp
> Vout
MOSFET M1
> Iocp
> VIN_MAX
MOSFET M2
> Iocp
> Vout
Rcs
> Iocp
2 × Rcs
Allow some margin, such as the tolerance of the external components, when selecting.
In order to achieve fast switching, choose the MOSFETs with the smaller gate-capacitance.
VIN
L
1
Fosc
Vout
VIN+Vout
Vout×Rcs
L
VIN
Rcs
D1
L
D2
M2
M1
Co
Vout
IL
CS
Vout×Rcs
L


Similar Part No. - BD8113EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8113EFV ROHM-BD8113EFV Datasheet
212Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD8113EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com