Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8163EFV-E2 Datasheet(PDF) 9 Page - Rohm

Part # BD8163EFV-E2
Description  5V Input Multi-channel System Power Supply ICs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8163EFV-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BD8163EFV-E2 Datasheet HTML 5Page - Rohm BD8163EFV-E2 Datasheet HTML 6Page - Rohm BD8163EFV-E2 Datasheet HTML 7Page - Rohm BD8163EFV-E2 Datasheet HTML 8Page - Rohm BD8163EFV-E2 Datasheet HTML 9Page - Rohm BD8163EFV-E2 Datasheet HTML 10Page - Rohm BD8163EFV-E2 Datasheet HTML 11Page - Rohm BD8163EFV-E2 Datasheet HTML 12Page - Rohm BD8163EFV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Technical Note
9/21
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD8163EFV
Block Function
Step-up Controller
A controller circuit for DC/DC boosting.
The switching duty is controlled so that the feedback voltage FB1 is set to 1.24 V (typ.). A soft start operates at the time of
starting. Therefore, the switching duty is controlled by the SS pin voltage.
Charge Pump Control 1
A controller circuit for the positive-side charge pump.
The switching amplitude is controlled so that the feedback voltage FB2 will be set to 1.24 V (typ.). The start delay time can
be set in the DLS terminal at the time of starting. When the DLS voltage reaches 0.6 V (Typ.), switching waves will be
output from the C1L and C2L pins.
Charge Pump Control 2
A controller circuit for the negative-side charge pump.
The switching amplitude is controlled so that the feedback voltage FB2 will be set to 0.6 V (Typ.).
Gate Shading Controller
A controller circuit of gate shading.
The Vo2GS and GSOUT are in on/off control according to IG pin input.
Regulator Control
A regulator controller circuit for VDD voltage generation.
The base pin current is controlled so that VDD voltage will be set to 2.5 V (typ.).
DET 1 to DET 4
A detection circuit of each output voltage. This detected signal is used for the starting sequential circuit.
Start-up Controller
A control circuit for the starting sequence.
Controls to start in order of VCC VDD Vo1 Vo3 Vo2.
VREF
A block that generates internal reference voltage. 1.24V (Typ.) is output.
TSD/UVLO
Thermal shutdown/Under-voltage lockout protection/circuit blocks.
The thermal shutdown circuit is shut down at an IC internal temperature of 175℃ and reset at 160℃. The under-voltage
lockout protection circuit shuts down the IC when the VCC is 1.8 V (typ.) or below.
Starting sequence
For malfunction prevention, starting logic control operates so that each output will rise in order of
VCCVDD Vo1 Vo3 Vo2.
As shown below, detectors DET1 to DET3 detect that the output on the detection side has reached 90% (typ.) of the set
voltage, and starts the next block.
Starting sequence model
Fig. 26 Starting Timing Chart
VDD
Reg
DET1
CTL1
Step up
Vo1
DET2
CTL2
Negative
Charge
Pump
Vo3
DET3
CTL3
Positive
Charge
Pump
Vo2
VCC
DET4
CLT4
5V
2.5V
Vcc
VDD
Vo2
Vo1
Vo3
0
0
0


Similar Part No. - BD8163EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV-E2 ROHM-BD8160AEFV-E2 Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BD8160EFV ROHM-BD8160EFV Datasheet
354Kb / 6P
   Main Power Supply For TFT-LCD Display Module
More results

Similar Description - BD8163EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
BD8184MUV ROHM-BD8184MUV Datasheet
649Kb / 18P
   Power Supply ICs for TFT-LCD Panels Multi-channel System Power Supply IC for Small to Middle PANEL
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com