Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8311NUV Datasheet(PDF) 8 Page - Rohm

Part # BD8311NUV
Description  High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8311NUV Datasheet(HTML) 8 Page - Rohm

Back Button BD8311NUV_10 Datasheet HTML 4Page - Rohm BD8311NUV_10 Datasheet HTML 5Page - Rohm BD8311NUV_10 Datasheet HTML 6Page - Rohm BD8311NUV_10 Datasheet HTML 7Page - Rohm BD8311NUV_10 Datasheet HTML 8Page - Rohm BD8311NUV_10 Datasheet HTML 9Page - Rohm BD8311NUV_10 Datasheet HTML 10Page - Rohm BD8311NUV_10 Datasheet HTML 11Page - Rohm BD8311NUV_10 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BD8311NUV
Technical Note
8/14
www.rohm.com
2010.11 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Reference Application Data 2 (VCC = 3.5 V, 6.0 V, 8.4 V, VOUT = 10 V)
Reference Board Pattern
The radiation plate on the rear should be a GND flat surface of low impedance in common with the PGND flat surface.
It is recommended to install a GND pin in another system as shown in the drawing without connecting it directly to this PGND
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
Fig.26 Frequency response property 1
(VCC = 3.5 V, Io = 200 mA)
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
Fig.30 Frequency response property 5
(VCC = 6.0 V, Io = 500 mA)
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
Fig.27 Frequency response property 2
(VCC = 6.0 V, Io = 200 mA)
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
Fig.28 Frequency response property 3
(VCC = 8.4 V, Io = 200 mA)
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
Fig.29 Frequency response property 4
(VCC = 3.5 V, Io = 500 mA)
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
Fig.31 Frequency response property 6
(VCC = 8.4 V, Io = 500 mA)
Phase
Gain
Phase
Gain
Phase
Gain
Phase
Gain
Phase
Gain
Phase
Gain
100
1k
10k
100k
1M
100
1k
10k
100k
1M
100
1k
10k
100k
1M
100
1k
10k
100k
1M
100
1k
10k
100k
1M
100
1k
10k
100k
1M
100
1k
10k
100k
1M
VOUT
GND
VBAT
Lx
Frequency [Hz]
Frequency [Hz]
Frequency [Hz]
Frequency [Hz]
Frequency [Hz]
Frequency [Hz]


Similar Part No. - BD8311NUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8311NUV ROHM-BD8311NUV_15 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
More results

Similar Description - BD8311NUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8314NUV ROHM-BD8314NUV_11 Datasheet
413Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV Datasheet
458Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV Datasheet
389Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD9641NUV ROHM-BD9641NUV Datasheet
506Kb / 13P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8301MUV ROHM-BD8301MUV Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com