Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8312HFN-TR Datasheet(PDF) 7 Page - Rohm

Part # BD8312HFN-TR
Description  Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8312HFN-TR Datasheet(HTML) 7 Page - Rohm

Back Button BD8312HFN-TR Datasheet HTML 3Page - Rohm BD8312HFN-TR Datasheet HTML 4Page - Rohm BD8312HFN-TR Datasheet HTML 5Page - Rohm BD8312HFN-TR Datasheet HTML 6Page - Rohm BD8312HFN-TR Datasheet HTML 7Page - Rohm BD8312HFN-TR Datasheet HTML 8Page - Rohm BD8312HFN-TR Datasheet HTML 9Page - Rohm BD8312HFN-TR Datasheet HTML 10Page - Rohm BD8312HFN-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
BD8312HFN
Technical Note
7/14
www.rohm.com
2011.04 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
Example of Application
Input: 4.5 to 10 V, output: 3.3 V / 500mA
VREG
PGND
VCC
GND
PVCC
INV
Lx
STB
VBAT=4.5~10V
1μF
GRM188B11A105KA61
(Murata)
4.7μH
1098AS-4R7M(TOKO)
1μF
GRM188B11A105KA61
(Murata)
10μF
GRM31CB11A106KA01
(Murata)
51kΩ
22kΩ
200kΩ
10kΩ
10pF
3.3V/500mA
ON/OFF
Reference application data 1
Fig.21 Reference application diagram
Fig.22 Power conversion efficiency
(VOUT = 3.3 V)
0
20
40
60
80
100
1
10
100
1000
OUTPUT CURRENT [mA]
VCC=4.5V
VCC=5.5V
VCC=7.5V
Fig.23 Load regulation
(VOUT = 3.3 V)
3.25
3.27
3.29
3.31
3.33
3.35
1
10
100
1000
OUTPUT CURRENT [mA]
VCC=7.5V
VCC=4.5V
VCC=5.5V


Similar Part No. - BD8312HFN-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
487Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
More results

Similar Description - BD8312HFN-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com