Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A73 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1A73
Description  Compact OPIC Photointerrupter with Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A73 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1A73 Datasheet HTML 1Page - Sharp Corporation GP1A73 Datasheet HTML 2Page - Sharp Corporation GP1A73 Datasheet HTML 3Page - Sharp Corporation GP1A73 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
1
2345
5
4
3
2
1
0
7.7
7.5
VCC= 5V, Ta= 25˚C
RL= 47kΩ
VCC=5V
Ta= 25˚C
RL= 47kΩ
Fig. 5 Detecting Position Characteristics (1)
Fig. 6 Detecting Position Characteristics (2)
GP1A73A/GP1A73A1
Output "Low"
Output "Low"
Distance d (mm)
Distance h (mm)
Detecting position
characteristics
(d= 2.35± 0.3mm)
Detecting position
characteristics
(Unit : mm)
Recommended Mounting Hole Shape
8 - R0.1± 0.1
8 - R0.1± 0.1
Plate thickness : 1.6 mm
7.5
Plate thickness : 1.0 mm
Plate thickness : 1.2 mm
8 - R0.1± 0.1
General mounting type
7.7
7.5
Plate thickness : 1.6 mm
7.5
Plate thickness : 1.0 mm
Plate thickness : 1.2 mm
Reverse insertion
preventive type
12 - R0.1± 0.1
12 - R0.1± 0.1
12 - R0.1± 0.1
2.4
2.4
2.4
2.4
2.4
2.4
2. Mounting workability, shaking after mounting and mounting strength depend on the corner radius of the mounting plate and state of punching.
Determine the mounting dimensions after check on an actual machine.
3. General dimensional tolerances shall be ± 0.1 mm.
1. It is recommended to mark the shear droop surface (punch side) of the mounting plate (metal plate) with "GP1A73A" or "GP1A73A1".
Output "High"
Output "High"
(h= 3.0
+ 0.3
- 1.8
)
0
h
Shield plate
0
Shield plate
d
s


Similar Part No. - GP1A73

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A73AJ000F SHARP-GP1A73AJ000F Datasheet
133Kb / 10P
   Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
More results

Similar Description - GP1A73

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A74A SHARP-GP1A74A Datasheet
51Kb / 4P
   Compact OPIC Photointerrupter with Connector
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
   OPIC Photointerrupter with Connector
GP1A05A2 SHARP-GP1A05A2 Datasheet
62Kb / 5P
   OPIC Photointerrupter with Connector
GP1A05 SHARP-GP1A05 Datasheet
61Kb / 4P
   OPIC Photointerrupter with Connector
GP1A34LC SHARP-GP1A34LC Datasheet
43Kb / 4P
   OPIC Photointerrupter with Connector
GP1A10 SHARP-GP1A10 Datasheet
54Kb / 4P
   OPIC Photointerrupter with Connetor
GP1A52LR SHARP-GP1A52LR Datasheet
51Kb / 4P
   OPIC Photointerrupter
GP1A75E SHARP-GP1A75E Datasheet
42Kb / 3P
   Small Size OPIC Photointerrupter with Connector
GP1A58HR SHARP-GP1A58HR Datasheet
50Kb / 4P
   OPIC Photointerrupter
GP1A50HR SHARP-GP1A50HR Datasheet
82Kb / 5P
   OPIC Photointerrupter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com