Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8314NUV-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD8314NUV-E2
Description  High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8314NUV-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD8314NUV-E2 Datasheet HTML 2Page - Rohm BD8314NUV-E2 Datasheet HTML 3Page - Rohm BD8314NUV-E2 Datasheet HTML 4Page - Rohm BD8314NUV-E2 Datasheet HTML 5Page - Rohm BD8314NUV-E2 Datasheet HTML 6Page - Rohm BD8314NUV-E2 Datasheet HTML 7Page - Rohm BD8314NUV-E2 Datasheet HTML 8Page - Rohm BD8314NUV-E2 Datasheet HTML 9Page - Rohm BD8314NUV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Technical Note
6/15
BD8314NUV
www.rohm.com
2011.08 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
Fig.18. Circuit current
power supply property
Fig.15. Lx Max duty
temperature property
Fig.17. Circuit current
temperature property
Fig.16. Lx Max duty
power supply property
0
200
400
600
800
1000
02
4
6
8
10
12
14
VCC [V]
1.0
1.5
2.0
2.5
-50
0
50
100
150
VCC [V]
75
80
85
90
95
-40
0
40
80
120
TEMPARATURE [℃]
75
80
85
90
95
3
6
9
12
15
VCC [V]


Similar Part No. - BD8314NUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8314NUV-E2 ROHM-BD8314NUV-E2 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
More results

Similar Description - BD8314NUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV Datasheet
458Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV Datasheet
389Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD9641NUV ROHM-BD9641NUV Datasheet
506Kb / 13P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8301MUV ROHM-BD8301MUV Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com