Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8314NUV-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD8314NUV-E2
Description  High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8314NUV-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD8314NUV-E2 Datasheet HTML 4Page - Rohm BD8314NUV-E2 Datasheet HTML 5Page - Rohm BD8314NUV-E2 Datasheet HTML 6Page - Rohm BD8314NUV-E2 Datasheet HTML 7Page - Rohm BD8314NUV-E2 Datasheet HTML 8Page - Rohm BD8314NUV-E2 Datasheet HTML 9Page - Rohm BD8314NUV-E2 Datasheet HTML 10Page - Rohm BD8314NUV-E2 Datasheet HTML 11Page - Rohm BD8314NUV-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical Note
8/15
BD8314NUV
www.rohm.com
2011.08 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Application Data 2 (VCC = 3.0 V, 6.0 V, 8.4 V, VOUT = 10 V)
Reference Board Pattern
The radiation plate on the rear should be a GND flat surface of low impedance in common with the PGND flat surface.
It is recommended to install a GND pin in another system as shown in the drawing without connecting it directly to
this PGND
VOUT
GND
VBAT
Lx
Fig.30 Frequency response property 5
(VCC = 6.0 V, Io = 500 mA)
Fig.31 Frequency response property 6
(VCC = 8.4 V, Io = 500 mA)
Fig.26 Frequency response property 1
(VCC = 3.0 V, Io = 200 mA)
Fig.27 Frequency response property 2
(VCC = 6.0 V, Io = 200 mA)
Fig.28 Frequency response property 3
(VCC = 8.4 V, Io = 200 mA)
Fig.29 Frequency response property 4
(VCC = 3.0 V, Io = 500 mA)
-60
-40
-20
0
20
40
60
100
1000
10000
100000
1000000
Frequency [Hz]
-180
-120
-60
0
60
120
180
100  
1k
10k
100k
1M
-60
-40
-20
0
20
40
60
100
1000
10000
100000
1000000
Frequency [Hz]
-180
-120
-60
0
60
120
180
100   1k
10k
100k
1M
-60
-40
-20
0
20
40
60
100
1000
10000
100000
1000000
Frequency [Hz]
-180
-120
-60
0
60
120
180
100  
1k
10k
100k
1M
-60
-40
-20
0
20
40
60
100
1000
10000
100000
1000000
Frequency [Hz]
-180
-120
-60
0
60
120
180
100  
1k
10k
100k
1M
-60
-40
-20
0
20
40
60
100
1000
10000
100000
1000000
Frequency [Hz]
-180
-120
-60
0
60
120
180
100  
1k
10k
100k
1M
-60
-40
-20
0
20
40
60
100
1000
10000
100000
1000000
Frequency [Hz]
-180
-120
-60
0
60
120
180
100  
1k
10k
100k
1M
Phase
Gain
Phase
Gain
Phase
Gain
Phase
Gain
Phase
Gain
Phase
Gain


Similar Part No. - BD8314NUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8314NUV-E2 ROHM-BD8314NUV-E2 Datasheet
1Mb / 25P
   Integrated 2.5A MOSFET 1ch Boost Converter
More results

Similar Description - BD8314NUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV Datasheet
458Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV Datasheet
389Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD9641NUV ROHM-BD9641NUV Datasheet
506Kb / 13P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_11 Datasheet
444Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8301MUV ROHM-BD8301MUV Datasheet
387Kb / 14P
   High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com