Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8601FV Datasheet(PDF) 10 Page - Rohm

Part # BD8601FV
Description  FET Controller Type 3ch System Power Supply ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8601FV Datasheet(HTML) 10 Page - Rohm

Back Button BD8601FV Datasheet HTML 6Page - Rohm BD8601FV Datasheet HTML 7Page - Rohm BD8601FV Datasheet HTML 8Page - Rohm BD8601FV Datasheet HTML 9Page - Rohm BD8601FV Datasheet HTML 10Page - Rohm BD8601FV Datasheet HTML 11Page - Rohm BD8601FV Datasheet HTML 12Page - Rohm BD8601FV Datasheet HTML 13Page - Rohm BD8601FV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Technical Note
10 / 15
BD8601FV
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Reset output function
Reset output function observes voltage value from MONVCC terminal and does reset operation compared to internal
reference level.
Set MONVCC terminal external resistance to make VCC voltage more than 5.0V at reset release.
Table 4 DC/DC converter controller ON/OFF function
MONVCC terminal voltage
RESET terminal
<1.0V(typ)
LOW
>1.072V(typ)
Hi-Z
Delay time until detecting reset release is settable by capacitor connected to RSTDLY terminal.
RSTDLY
RSTDLY
RSTDLY
I
C
1.235V
T
0
Hi Z
Low
RESET
TRSTDLY
α・
VRSTO
(α=
)
R1+R2
R2
α
(VRSTO+VRSTO_HYS)
VCC
VCC
MONVCC
R1
R2
VRSTO
(1.0V)
RESET
CRSTDLY
Power supply in
reset input side
1.235V
IRSTDLY
TRSTDLY : Delay time until detecting reset release
Figure 4 reset operation


Similar Part No. - BD8601FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8601FV ROHM-BD8601FV Datasheet
918Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
More results

Similar Description - BD8601FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
801Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8627EFV ROHM-BD8627EFV_09 Datasheet
397Kb / 13P
   FET Controller Type 3ch System Power Supply ICs
BD8629FS ROHM-BD8629FS_09 Datasheet
371Kb / 12P
   FET Controller Type 3ch System Power Supply ICs
BD8621EFV ROHM-BD8621EFV_09 Datasheet
457Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV Datasheet
918Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV ROHM-BD8606FV_09 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8628EFV ROHM-BD8628EFV_09 Datasheet
428Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
logo
POWER-RAIL
CR6202T POWER-RAIL-CR6202T Datasheet
308Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
CR6203 POWER-RAIL-CR6203 Datasheet
335Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
Rohm
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com