Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4933 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N4933
Description  1 Amp Fast Recovery Rectifier 50 - 600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4933 Datasheet(HTML) 1 Page - Micro Commercial Components

  1N4933 Datasheet HTML 1Page - Micro Commercial Components 1N4933 Datasheet HTML 2Page - Micro Commercial Components 1N4933 Datasheet HTML 3Page - Micro Commercial Components 1N4933 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4933
THRU
1N4937
1 Amp Fast Recovery
Rectifier
50 - 600 Volts
DO-41
Features
Low Leakage Current and Low Cost
Fast Switching
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N4933
50V
35V
50V
1N4934
100V
70V
100V
1N4935
200V
140V
200V
1N4936
400V
280V
400V
1N4937
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA =55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
TJ = 25
°C
TJ = 125
°C
Maximum Reverse
Recovery Time
Trr
200ns
IF=1.0A,
VR=30V
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz,
VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
1N4933
1N4934
1N4935
1N4936
1N4937
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - 1N4933

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
Jinan Jingheng (Group) ...
1N4933 JINANJINGHENG-1N4933 Datasheet
75Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - 1N4933

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
1N4933-DO41 YFWDIODE-1N4933-DO41 Datasheet
500Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
logo
Micro Commercial Compon...
SM4933 MCC-SM4933_13 Datasheet
343Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
SM4933 MCC-SM4933 Datasheet
266Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
logo
DONGGUAN YOU FENG WEI E...
1N4933 YFWDIODE-1N4933 Datasheet
198Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
logo
Micro Commercial Compon...
SM4933A MCC-SM4933A Datasheet
324Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
1N4933 MCC-1N4933_13 Datasheet
537Kb / 4P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
1N4933 MCC-1N4933 Datasheet
165Kb / 3P
   1 Amp Fast Recovery Rectifier 50 - 600 Volts
1N4933GP MCC-1N4933GP Datasheet
164Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 50 - 600 Volts
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ES1B-LTP MCC-ES1B-LTP Datasheet
302Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com