Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8628EFV Datasheet(PDF) 8 Page - Rohm

Part # BD8628EFV
Description  FET Controller Type 3ch System Power Supply ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8628EFV Datasheet(HTML) 8 Page - Rohm

Back Button BD8628EFV_09 Datasheet HTML 4Page - Rohm BD8628EFV_09 Datasheet HTML 5Page - Rohm BD8628EFV_09 Datasheet HTML 6Page - Rohm BD8628EFV_09 Datasheet HTML 7Page - Rohm BD8628EFV_09 Datasheet HTML 8Page - Rohm BD8628EFV_09 Datasheet HTML 9Page - Rohm BD8628EFV_09 Datasheet HTML 10Page - Rohm BD8628EFV_09 Datasheet HTML 11Page - Rohm BD8628EFV_09 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Technical Note
8/14
BD8628EFV, BD8624EFV
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Operation description
ON/OFF control
DC/DC converter ON/OFF function
DC/DC converter controller can be controlled ON/OFF by CTL terminal.
Analog circuit starts operation at ON control (on mode), and goes down to setting output voltage.
Analog circuit should be standby at OFF control (off mode), and output voltage becomes 0V.
Table2 DC/DC converter ON/OFF function
CTL terminal voltage
>VIHCTL
ON control
<VILCTL
OFF control
Soft start time set function
DC/DC converter can do soft start without overshoot by charging soft start capacity (Css) connected between SS terminal
and GND by charging current at ON control.
The mute of the output is released when it reaches VSS=0.15V (VSSSTB), and the output voltage does the soft start
operation from the point of VSS=0.3V (typ) in proportion to the voltage of the terminal SS.
Also, soft start time (tss) can be set by setting soft start capacity arbitrarily.
Soft start time (tss) should be set at 3msec < tss < 30msec.
Please note that the overshoot is not caused in the output setting voltage when setting it to tss≦3msec.
SS
SS
SSTH
SS
I
C
V
t
Discharge function
DC/DC converter can do soft off by discharging load discharged to soft start capacity connected between SS terminal to
GND by discharging resistance at OFF control.
Soft off operates in proportion to the voltage of the terminal SS the output voltage from the point of VSS=0.8V (typ).
Figure.3 Wave form at ON/OFF control


Similar Part No. - BD8628EFV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8628EFV ROHM-BD8628EFV Datasheet
642Kb / 15P
   Built-in 1ch FET Synchronous Rectification Type DC/DC converters
More results

Similar Description - BD8628EFV_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
801Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8627EFV ROHM-BD8627EFV_09 Datasheet
397Kb / 13P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV_09 Datasheet
458Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8629FS ROHM-BD8629FS_09 Datasheet
371Kb / 12P
   FET Controller Type 3ch System Power Supply ICs
BD8621EFV ROHM-BD8621EFV_09 Datasheet
457Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV Datasheet
918Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV ROHM-BD8606FV_09 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
logo
POWER-RAIL
CR6202T POWER-RAIL-CR6202T Datasheet
308Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
CR6203 POWER-RAIL-CR6203 Datasheet
335Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
Rohm
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com