Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8624EFV Datasheet(PDF) 5 Page - Rohm

Part # BD8624EFV
Description  FET Controller Type 3ch System Power Supply ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8624EFV Datasheet(HTML) 5 Page - Rohm

  BD8624EFV Datasheet HTML 1Page - Rohm BD8624EFV Datasheet HTML 2Page - Rohm BD8624EFV Datasheet HTML 3Page - Rohm BD8624EFV Datasheet HTML 4Page - Rohm BD8624EFV Datasheet HTML 5Page - Rohm BD8624EFV Datasheet HTML 6Page - Rohm BD8624EFV Datasheet HTML 7Page - Rohm BD8624EFV Datasheet HTML 8Page - Rohm BD8624EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Technical Note
5/14
BD8628EFV, BD8624EFV
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Terminal equivalent circuit chart
Terminal
No.
Terminal
name
Explanation
Terminal equivalent circuit chart
1
PGND
Power GND
(The same potential as the GND
terminal)
2
PGND
Power GND
(The same potential as the GND
terminal)
5
SW
SW terminal
6
SW
SW terminal
7
BOOT
High side Power MOS gate drive
power source terminal
8
VREG5
Internal power supply (5.0V) output
terminal
9
GND
GND
10
FC
Phase amends terminal
PVCC
PVCC
PGND
VREG5
PGND


Similar Part No. - BD8624EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8624EFV ROHM-BD8624EFV Datasheet
642Kb / 15P
   Built-in 1ch FET Synchronous Rectification Type DC/DC converters
More results

Similar Description - BD8624EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
801Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8627EFV ROHM-BD8627EFV_09 Datasheet
397Kb / 13P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV_09 Datasheet
458Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8629FS ROHM-BD8629FS_09 Datasheet
371Kb / 12P
   FET Controller Type 3ch System Power Supply ICs
BD8621EFV ROHM-BD8621EFV_09 Datasheet
457Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV Datasheet
918Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV ROHM-BD8606FV_09 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
logo
POWER-RAIL
CR6202T POWER-RAIL-CR6202T Datasheet
308Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
CR6203 POWER-RAIL-CR6203 Datasheet
335Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
Rohm
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com