Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1F31T Datasheet(PDF) 7 Page - Sharp Corporation

Part # GP1F31T
Description  Light Transmitting/Receiving Units
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1F31T Datasheet(HTML) 7 Page - Sharp Corporation

  GP1F31T Datasheet HTML 1Page - Sharp Corporation GP1F31T Datasheet HTML 2Page - Sharp Corporation GP1F31T Datasheet HTML 3Page - Sharp Corporation GP1F31T Datasheet HTML 4Page - Sharp Corporation GP1F31T Datasheet HTML 5Page - Sharp Corporation GP1F31T Datasheet HTML 6Page - Sharp Corporation GP1F31T Datasheet HTML 7Page - Sharp Corporation GP1F31T Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Standard light transmitter: Light transmitter that provides the fiber-end optical output of - 15dBm ±0.3dBm when
the standard optical fiber cable is connected.
s System Configuration Example
Standard
transmitter
Standard optical fiber cable
power meter
Optical
Anritsu
ML93B
CD/DAT/BS Tuner
signal
PCM
Modulation IC
(LZ92F39)
Drive
circuit
Light
emitter
Optical transmitting
unit
GP1F31T/
GP1F32T
Optical fiber cable
GP1C331
Optical receiving
unit
GP1F31R/GP1F32R
Demodulation
IC (LZ92F39)
signal
PCM
Digital Amp.
Signal
processing
circuit
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
P C
- 17
-
dBm
--
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Inserting power
disconnecting power
-
In compliance with
is used.
-
GP1F31T/R, GP1F32T/R, GP1F33TT/RR/RT,GP1C331/331A/335
Optical output coupling fiber
Refracting ratio distribution
Step index
Measuring method for optical output coupling fiber
s Mechanical Characteristics
(3) Optical Fiber Cable
EIAJ RC-5720
Initial value when a square connector
6
40
N


Similar Part No. - GP1F31T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1F351R SHARP-GP1F351R Datasheet
96Kb / 7P
   Optical Mini-Jack for Digital Audio Equipment
GP1F351T SHARP-GP1F351T Datasheet
96Kb / 7P
   Optical Mini-Jack for Digital Audio Equipment
GP1F361R SHARP-GP1F361R Datasheet
95Kb / 7P
   Optical Mini-Jack for Digital Audio Equipment
GP1F361T SHARP-GP1F361T Datasheet
95Kb / 7P
   Optical Mini-Jack for Digital Audio Equipment
GP1F37R1 SHARP-GP1F37R1 Datasheet
30Kb / 1P
   Square type Optical Fiber Transmitter/Receiver Unit for 3V Operation and Double Speed
More results

Similar Description - GP1F31T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV268 SANYO-1SV268 Datasheet
70Kb / 3P
   Transmitting, Receiving Antenna-switch Use PIN Diode
logo
Guangdong Kexin Industr...
1SV272 KEXIN-1SV272 Datasheet
36Kb / 1P
   Transmitting Receiving Antenna-switch Use PIN Diode
logo
Sanyo Semicon Device
1SV272 SANYO-1SV272 Datasheet
69Kb / 3P
   Transmitting, Receiving Antenna-switch Use PIN Diode
logo
SHENZHEN FUMAN ELECTRON...
SCTX8IR FUMAN-SCTX8IR Datasheet
117Kb / 5P
   Infrared frequency three-car remote control receiving/transmitting IC
SCTX8A FUMAN-SCTX8A Datasheet
301Kb / 6P
   Same frequency three-car remote control receiving/transmitting IC
SCTX8 FUMAN-SCTX8 Datasheet
131Kb / 5P
   Same frequency three-car remote control receiving/transmitting IC
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212 Datasheet
144Kb / 2P
   Light emitting/receiving module
logo
Sharp Corporation
GP1U56 SHARP-GP1U56 Datasheet
121Kb / 1P
   LIGHT DETECTING UNITS
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212_15 Datasheet
159Kb / 2P
   Integrated light emitting/receiving elements for automobile VICS
logo
Toshiba Semiconductor
TPS721A TOSHIBA-TPS721A Datasheet
197Kb / 4P
   LIGHT-RECEIVING DEVICE FOR PLASTIC FIBER/ POLYMER-CLAD FIBER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com