Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4942FVE Datasheet(PDF) 1 Page - Rohm

Part # BD4942FVE
Description  Standard CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4942FVE Datasheet(HTML) 1 Page - Rohm

  BD4942FVE Datasheet HTML 1Page - Rohm BD4942FVE Datasheet HTML 2Page - Rohm BD4942FVE Datasheet HTML 3Page - Rohm BD4942FVE Datasheet HTML 4Page - Rohm BD4942FVE Datasheet HTML 5Page - Rohm BD4942FVE Datasheet HTML 6Page - Rohm BD4942FVE Datasheet HTML 7Page - Rohm BD4942FVE Datasheet HTML 8Page - Rohm BD4942FVE Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Voltage Detector IC Series
Standard CMOS
Voltage Detector IC
BD48
□□G, BD48□□FVE, BD49□□G, BD49□□FVE series
 Description
ROHM’s BD48
□□G/FVE and BD49□□G/FVE series are highly accurate, low current consumption reset IC series. The lineup
was established with tow output types (Nch open drain and CMOS output) and detection voltages range from 2.3V to 6.0V
in increments of 0.1V, so that the series may be selected according the application at hand.
 Features
1) Detection voltage: 2.3V to 6.0V (Typ.), 0.1V steps
2)
High accuracy detection voltage: ±1.0%
3) Ultra-low current consumption: 0.8
μA (Typ.)
4) Nch open drain output (BD48
□□G/FVE), CMOS output (BD49□□G/FVE)
5) Compact packages
VSOF5: BD48
□□FVE, BD49□□FVE
SSOP5: BD48
□□G, BD49□□G
 Applications
All electronic devices that use microcontrollers and logic circuits
 Selection Guide
 Lineup
Marking
Detection
Voltage
Part
Number
Marking
Detection
Voltage
Part
Number
Marking
Detection
Voltage
Part
Number
Marking
Detection
Voltage
Part
Number
EW
6.0V
BD4860
EB
4.1V
BD4841
GW
6.0V
BD4960
GB
4.1V
BD4941
EV
5.9V
BD4859
EA
4.0V
BD4840
GV
5.9V
BD4959
GA
4.0V
BD4940
EU
5.8V
BD4858
DV
3.9V
BD4839
GU
5.8V
BD4958
FV
3.9V
BD4939
ET
5.7V
BD4857
DU
3.8V
BD4838
GT
5.7V
BD4957
FU
3.8V
BD4998
ES
5.6V
BD4856
DT
3.7V
BD4837
GS
5.6V
BD4956
FT
3.7V
BD4937
ER
5.5V
BD4855
DS
3.6V
BD4836
GR
5.5V
BD4955
FS
3.6V
BD4936
EQ
5.4V
BD4854
DR
3.5V
BD4835
GQ
5.4V
BD4954
FR
3.5V
BD4935
EP
5.3V
BD4853
DQ
3.4V
BD4834
GP
5.3V
BD4953
FQ
3.4V
BD4934
EN
5.2V
BD4852
DP
3.3V
BD4833
GN
5.2V
BD4952
FP
3.3V
BD4933
EM
5.1V
BD4851
DN
3.2V
BD4832
GM
5.1V
BD4951
FN
3.2V
BD4932
EL
5.0V
BD4850
DM
3.1V
BD4831
GL
5.0V
BD4950
FM
3.1V
BD4931
EK
4.9V
BD4849
DL
3.0V
BD4830
GK
4.9V
BD4949
FL
3.0V
BD4930
EJ
4.8V
BD4848
DK
2.9V
BD4829
GJ
4.8V
BD4948
FK
2.9V
BD4929
EH
4.7V
BD4847
DJ
2.8V
BD4828
GH
4.7V
BD4947
FJ
2.8V
BD4928
EG
4.6V
BD4846
DH
2.7V
BD4827
GG
4.6V
BD4946
FH
2.7V
BD4927
EF
4.5V
BD4845
DG
2.6V
BD4826
GF
4.5V
BD4945
FG
2.6V
BD4926
EE
4.4V
BD4844
DF
2.5V
BD4825
GE
4.4V
BD4944
FF
2.5V
BD4925
ED
4.3V
BD4843
DE
2.4V
BD4824
GD
4.3V
BD4943
FE
2.4V
BD4924
EC
4.2V
BD4842
DD
2.3V
BD4823
GC
4.2V
BD4942
FD
2.3V
BD4923
No.
Specifications
Description
1
Output Circuit Format
8:Open Drain Output, 9:CMOS Output
2
Detection Voltage
Example: Displays VS over a 2.3V to 6.0V range in
0.1V increments. (2.9V is marked as “29”)
3
Package
G:SSOP5 / FVE:VSOF5
No.09006EAT04
Part Number : BD4
1
2
3


Similar Part No. - BD4942FVE

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4942FVE ROHM-BD4942FVE Datasheet
267Kb / 6P
   Voltage Detector IC
BD4942FVE-TL ROHM-BD4942FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4942FVE-TL ROHM-BD4942FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4942FVE-TL ROHM-BD4942FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
BD4942FVE-TL ROHM-BD4942FVE-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD4942FVE

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com