Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8152FVM Datasheet(PDF) 4 Page - Rohm

Part # BD8152FVM
Description  High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8152FVM Datasheet(HTML) 4 Page - Rohm

  BD8152FVM_11 Datasheet HTML 1Page - Rohm BD8152FVM_11 Datasheet HTML 2Page - Rohm BD8152FVM_11 Datasheet HTML 3Page - Rohm BD8152FVM_11 Datasheet HTML 4Page - Rohm BD8152FVM_11 Datasheet HTML 5Page - Rohm BD8152FVM_11 Datasheet HTML 6Page - Rohm BD8152FVM_11 Datasheet HTML 7Page - Rohm BD8152FVM_11 Datasheet HTML 8Page - Rohm BD8152FVM_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
BD8152FVM, BD8158FVM
Technical Note
4/17
www.rohm.com
2011.08 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data (Unless otherwise specified, Ta = 25℃)
50
60
70
80
90
100
2.0
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE:Vcc[V]
80
85
90
95
100
-40
-15
10
35
60
85
110
AMBIENT TEMPERATURE:Ta [℃]
50
60
70
80
90
0.05
0.1
0.15
0.2
0.25
0.3
OUTPUT CURRENT:Io[A]
Fig. 10 Max. Duty Ratio Temperature
VCC = 2.5 V f = 1200 kHz
Fig. 11 Vcc = 2.5V Power Efficiency
Fig. 12 Vcc = 5V Power Efficiency
VCC = 2.5 V f = 600 kHz
8
8.2
8.4
8.6
8.8
9
0.0
0.1
1.0
LOAD CURRENT:Io[A]
Fig. 13 Power Efficiency vs
Power Supply Voltage
Fig. 14 Max. Load Current vs
Power Supply Voltage
0
0.2
0.4
0.6
0.8
2.0
2.4
2.8
3.2
3.6
4.0
SUPPLY VOLTAGE:Vcc[V]
Fig. 15 Load Response
Waveform
Io = 0 mA
Vo
Io = 100 mA
100 mV
20 us
F = 600 kHz
F = 1200 kHz
8
8.2
8.4
8.6
8.8
9
2.0
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE:Vcc[V]
Fig. 16 Output Voltage
Line Regulation
Fig. 17 Output Voltage
Load Regulation 1
Vcc = 2.5 V
Fig. 18 Output Voltage
Load Regulation 2
BD8158FVM
BD8158FVM
BD8158FVM
BD8158FVM
50
60
70
80
90
0.05
0.15
0.25
0.35
0.45
OUTPUT CURRENT:Io[A]
BD8152FVM
8
8.2
8.4
8.6
8.8
9
0.0
0.1
1.0
LOAD CURRENT:Io[A]
BD8152FVM
Vcc=5V


Similar Part No. - BD8152FVM_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
More results

Similar Description - BD8152FVM_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV_11 Datasheet
413Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV Datasheet
458Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV Datasheet
389Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD9641NUV ROHM-BD9641NUV Datasheet
506Kb / 13P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8305MUV ROHM-BD8305MUV Datasheet
431Kb / 16P
   High-effciency Step-up/down Switching Regulators with Built-in Power MOSFET
BD9302FP ROHM-BD9302FP_08 Datasheet
784Kb / 17P
   2-output High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com