Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BE24-1A79-PHI Datasheet(PDF) 1 Page - Meder Electronic

Part # BE24-1A79-PHI
Description  BE Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

BE24-1A79-PHI Datasheet(HTML) 1 Page - Meder Electronic

  BE24-1A79-PHI Datasheet HTML 1Page - Meder Electronic BE24-1A79-PHI Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BE24-1A79-PHI
Item:
| Email: salesasia@meder.com
8824179104
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance
Coil voltage
Rated power
Thermal Resistance
Pull-In voltage
Drop-Out voltage
Contact data 79
Conditions
Min
Typ
Max
Unit
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
DC or Peak AC
Carry current
!"#$%"&'()"%&%)"
Start Value
Contact resistance static
*
RH <45 %, 100 V test voltage
Insulation resistance
according to IEC 255-5
Breakdown voltage (20-25 AT)
#
measured with 40% overdrive
Operate time incl. bounce
#
measured with no coil excitation
Release time
Special Product Data
Conditions
Min
Typ
Max
Unit
*
RH <45%, 200 VDC test voltage
Insulation resistance Coil/Contact
+
according to IEC 255-5
Insulation voltage Coil/Contact
Polycarbonat
Housing material
Polyurethan
Sealing compound
Copper alloy tin plated
Connection pins
1
Number of contacts
A - NO
Contact - form
gray
Case colour
no
Magnetic Shield
yes
Reach / RoHS conformity
Modifications in the sense of technical progress are reserved
03.03.08
WKOVACS
KSCHIELENSKI
03
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
04.09.09
CRUF
Approval by:
Approval by:
16.02.11
Approval at:
Approval at:


Similar Part No. - BE24-1A79-PHI

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
BE24-1A79-PHI_DE MEDER-BE24-1A79-PHI_DE Datasheet
162Kb / 2P
   (deutsch) BE Reed Relay
More results

Similar Description - BE24-1A79-PHI

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
BE05-2E85-M MEDER-BE05-2E85-M Datasheet
139Kb / 2P
   BE Reed Relay
BE24-3A79-PHI MEDER-BE24-3A79-PHI Datasheet
73Kb / 1P
   BE Reed Relay
BE05-1A85-P MEDER-BE05-1A85-P Datasheet
91Kb / 2P
   BE Reed Relay
BE12-4A85-M MEDER-BE12-4A85-M Datasheet
188Kb / 2P
   BE Reed Relay
BE48-1A85-P MEDER-BE48-1A85-P Datasheet
64Kb / 1P
   BE Reed Relay
BE05-1A71-V MEDER-BE05-1A71-V Datasheet
145Kb / 1P
   BE Reed Relay
BE05-2A85-M MEDER-BE05-2A85-M Datasheet
79Kb / 1P
   BE Reed Relay
BE24-1A85-M MEDER-BE24-1A85-M Datasheet
63Kb / 1P
   BE Reed Relay
BE24-2A79-PHI MEDER-BE24-2A79-PHI Datasheet
128Kb / 2P
   BE Reed Relay
BE12-1A85-M MEDER-BE12-1A85-M Datasheet
80Kb / 1P
   BE Reed Relay
BE24-4A73-M MEDER-BE24-4A73-M Datasheet
74Kb / 1P
   BE Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com