Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8152FVM-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD8152FVM-E2
Description  High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8152FVM-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD8152FVM-E2 Datasheet HTML 2Page - Rohm BD8152FVM-E2 Datasheet HTML 3Page - Rohm BD8152FVM-E2 Datasheet HTML 4Page - Rohm BD8152FVM-E2 Datasheet HTML 5Page - Rohm BD8152FVM-E2 Datasheet HTML 6Page - Rohm BD8152FVM-E2 Datasheet HTML 7Page - Rohm BD8152FVM-E2 Datasheet HTML 8Page - Rohm BD8152FVM-E2 Datasheet HTML 9Page - Rohm BD8152FVM-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BD8152FVM, BD8158FVM
Technical Note
6/17
www.rohm.com
2011.08 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Description of Operation of Each Block
 Error amp (ERR)
This is the circuit to compare the reference voltage 1.245 V (Typ.) and the feedback voltage of output voltage. Switching
duty is decided by the COMP pin voltage which is the comparison result. At the time of start, since the soft start is operated
by the SS pin voltage, the COMP pin voltage is limited to the SS pin voltage.
 Oscillator (OSC)
This block generates the oscillating frequency. It is possible to select 600 kHz/1.2 MHz (Typ.) by the FCLK pin.
 SLOPE
This block generates the triangular waveform from the clock generated by OSC. Generated triangular waveform is sent to
the PWM comparator.
 PWM
Output COMP voltage of the error amp and the triangular waveform of the SLOPE block are compared to decide the
switching duty. Since the switching duty is limited by the maximum duty ratio which is decided internally, it does not
become 100%.
 Reference voltage (VREF)
This block generates the internal reference voltage of 1.245 V (Typ.).
 Protection circuit (UVLO/TSD)
UVLO (under-voltage lockout protection circuit) shuts down the circuits when the voltage is 2.2 V (TYP.BD8152FVM),1.8 V
(TYP.BD8158FVM) or lower. Thermal shutdown circuit shuts down IC at 175℃ (Typ.) and recovers at 160℃ (Typ.).
 Overcurrent protection circuit (OCP)
Current flowing to the power FET is detected by voltage at the CURRENT SENSE and the overcurrent protection operates
at 3 A (Typ.). When the overcurrent protection operates, switching is turned off and the SS pin capacity is discharged.
 Soft start circuit
Since the output voltage rises gradually while restricting the current at the time of startup, it is possible to prevent the
output voltage overshoot or the inrush current.
Fig. 20 Application Circuit Diagram Example
VCC
VOUT
UVLO/TSD
+
SENSE
CURRENT
1.245V
SW
VCC
GND
FCLK
SS
PWM
+
-
8
7
6
5
OSC
SLOPE
Set
DRV
SDWN
LOGIC
Reset
ERR
- +
START
SOFT
1
2
3
4
COMP
FB
ENB
OCP
VREF
10uF
10uH
10uF
RB161M-20
C1
C2
0.01uF
C3
3300pF
R3
5.1kΩ
R1
110kΩ
R2
18kΩ
L1
D1
C0
9V
C4
100pF


Similar Part No. - BD8152FVM-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8152FVM-TR ROHM-BD8152FVM-TR Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
More results

Similar Description - BD8152FVM-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8158FVM-TR ROHM-BD8158FVM-TR Datasheet
849Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD8152FVM ROHM-BD8152FVM_1 Datasheet
443Kb / 18P
   High-efficiency Step-up Switching Regulators with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV_11 Datasheet
413Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV_10 Datasheet
389Kb / 15P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8311NUV ROHM-BD8311NUV Datasheet
458Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8314NUV ROHM-BD8314NUV Datasheet
389Kb / 16P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD9641NUV ROHM-BD9641NUV Datasheet
506Kb / 13P
   High-efficiency Step-up Switching Regulator with Built-in Power MOSFET
BD8305MUV ROHM-BD8305MUV Datasheet
431Kb / 16P
   High-effciency Step-up/down Switching Regulators with Built-in Power MOSFET
BD9302FP ROHM-BD9302FP_08 Datasheet
784Kb / 17P
   2-output High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com