Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8646FV Datasheet(PDF) 8 Page - Rohm

Part # BD8646FV
Description  Flexible Step-down Switching Regulator with Built-in Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8646FV Datasheet(HTML) 8 Page - Rohm

Back Button BD8646FV Datasheet HTML 4Page - Rohm BD8646FV Datasheet HTML 5Page - Rohm BD8646FV Datasheet HTML 6Page - Rohm BD8646FV Datasheet HTML 7Page - Rohm BD8646FV Datasheet HTML 8Page - Rohm BD8646FV Datasheet HTML 9Page - Rohm BD8646FV Datasheet HTML 10Page - Rohm BD8646FV Datasheet HTML 11Page - Rohm BD8646FV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Technical Note
8/13
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD8646FV
VSSTH(=1.4V[typ])
VENH
0V
0V
0V
TVO
TWEN
(=50µsec)
VOST(=0.6V[typ])
EN terminal
SS terminal
Output setting voltage
External parts setting method
1 Output voltage setting method
The output voltage can be arbitrarily set by external resistance.
VREF
R2
R2)
(R1
Vo
Please select the constant of R1 and R2 by this expression.
Please select the current that flows to R1 and R2 to become much smaller than output current.
FB
R1
R2
Vo
VREF=0.8V
Fig.16 Output voltage setting circuit
2 Soft start time setting method
BD8646FV can soft start without overshoot because of a charge current to the soft start capacitance (CSS).
The soft start time can be set by connecting soft start capacity (CSS).
When the EN terminal voltage is set VIN_EN or more, the charge to the capacity between SS/DELAY and GND terminal is
begun. The output voltage becomes soft start in proportion to a SS/DELAY terminal voltage rising. When the SS/DELAY
terminal voltage exceeds VSSTH, the output voltage is fixed in a setting value.
Please set soft start time (tss) in 1msec-52.5msec.
Fig.17 Soft start
TWENSPEC
Min.
Typ.
Max.
35µsec
50µsec
75µsec
)
A
μ
4
(
I
C
)
V
(V
)
A
μ
4
(
I
C
)
V
6
.
0
(
V
)
s
μ
50
(
TW
T
SS
SS
OST
SSTH
SS
SS
OST
EN
VO


Similar Part No. - BD8646FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8646FV ROHM-BD8646FV Datasheet
1Mb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
More results

Similar Description - BD8646FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD8649EFV ROHM-BD8649EFV Datasheet
373Kb / 14P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9673EFJ ROHM-BD9673EFJ Datasheet
616Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com