Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8649EFV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BD8649EFV-E2
Description  Flexible Step-down Switching Regulator with Built-in Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8649EFV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BD8649EFV-E2 Datasheet HTML 6Page - Rohm BD8649EFV-E2 Datasheet HTML 7Page - Rohm BD8649EFV-E2 Datasheet HTML 8Page - Rohm BD8649EFV-E2 Datasheet HTML 9Page - Rohm BD8649EFV-E2 Datasheet HTML 10Page - Rohm BD8649EFV-E2 Datasheet HTML 11Page - Rohm BD8649EFV-E2 Datasheet HTML 12Page - Rohm BD8649EFV-E2 Datasheet HTML 13Page - Rohm BD8649EFV-E2 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Technical Note
11/13
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD8649EFV
I/O equivalence circuit
1PIN(FB)
2PIN(FC)
3PIN(RT)
4PIN(PSET)
5PIN(EN)
14,15,16PIN(SW)
17PIN(BOOT)
19PIN(SS/DELAY)
VIN
FB
50kΩ
PSET
GND
GND
VIN
GND
50kΩ
100kΩ
2kΩ
VIN
GND
EN
GND
GND
130kΩ
240kΩ
SW
VIN
GND
VREG5
BOOT
SW
SS/ DELAY
50kΩ
50kΩ
2kΩ
VIN
VIN
SGND SGND
SGND
PGND
FC
5kΩ
400Ω
10kΩ
10kΩ
RT
GND
VIN
GND
2kΩ
10kΩ
1kΩ


Similar Part No. - BD8649EFV-E2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD864 SIEMENS-BD864 Datasheet
111Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Rohm
BD8641EFV ROHM-BD8641EFV Datasheet
260Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8643FV ROHM-BD8643FV Datasheet
157Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8645EFV ROHM-BD8645EFV Datasheet
263Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8646FV ROHM-BD8646FV Datasheet
1Mb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
More results

Similar Description - BD8649EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9673EFJ ROHM-BD9673EFJ Datasheet
616Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD8646FV ROHM-BD8646FV_10 Datasheet
369Kb / 14P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com