Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8960NV Datasheet(PDF) 9 Page - Rohm

Part # BD8960NV
Description  Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8960NV Datasheet(HTML) 9 Page - Rohm

Back Button BD8960NV Datasheet HTML 5Page - Rohm BD8960NV Datasheet HTML 6Page - Rohm BD8960NV Datasheet HTML 7Page - Rohm BD8960NV Datasheet HTML 8Page - Rohm BD8960NV Datasheet HTML 9Page - Rohm BD8960NV Datasheet HTML 10Page - Rohm BD8960NV Datasheet HTML 11Page - Rohm BD8960NV Datasheet HTML 12Page - Rohm BD8960NV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Technical Note
BD8960NV
9/14
www.rohm.com
2010.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Selection of components externally connected
1. Selection of inductor (L)
* Current exceeding the current rating of the inductor results in magnetic saturation of the inductor, which decreases
efficiency. The inductor must be selected allowing sufficient margin with which the peak current may not exceed its
current rating.
If VCC=3.3V, VOUT=1.8V, f=1MHz, ΔIL=0.2×2A=0.4A, for example,(BD8960NV)
*Select the inductor of low resistance component (such as DCR and ACR) to minimize dissipation in the inductor for better
efficiency.
2. Selection of output capacitor (CO)
3. Selection of input capacitor (Cin)
A low ESR 22μF/10V ceramic capacitor is recommended to reduce ESR dissipation of input capacitor for better efficiency.
The inductance significantly depends on output ripple current.
As seen in the equation (1), the ripple current decreases as the
inductor and/or switching frequency increases.
ΔIL=
(VCC-VOUT)×VOUT
L×VCC×f
[A]・・・(1)
Appropriate ripple current at output should be 20% more or less of the
maximum output current.
ΔIL=0.2×IOUTmax. [A]・・・(2)
L=
(VCC-VOUT)×VOUT
ΔIL×VCC×f
[H]・・・(3)
(ΔIL: Output ripple current, and f: Switching frequency)
Output capacitor should be selected with the consideration on the stability region
and the equivalent series resistance required to smooth ripple voltage.
Output ripple voltage is determined by the equation (4):
ΔVOUT=ΔIL×ESR [V]・・・(4)
(ΔIL: Output ripple current, ESR: Equivalent series resistance of output capacitor)
*Rating of the capacitor should be determined allowing sufficient margin against
output voltage. A 22µF to 100µF ceramic capacitor is recommended.
Less ESR allows reduction in output ripple voltage.
Input capacitor to select must be a low ESR capacitor of the capacitance
sufficient to cope with high ripple current to prevent high transient voltage. The
ripple current IRMS is given by the equation (5):
IRMS=IOUT×
VOUT(VCC-VOUT)
VCC
[A]・・・(5)
When Vcc is twice the VOUT, IRMS=
IOUT
2
Fig.26 Output capacitor
(3.3-1.8)×1.8
0.4×3.3×1M
L=
=2.05μ → 2.2[μH]
< Worst case > IRMS(max.)
IRMS=2×
1.8(3.3-1.8)
3.3
=0.99[ARMS]
Fig.27 Input capacitor
ΔIL
VCC
IL
L
Co
VOUT
Fig.25 Output ripple current
IL
VCC
L
Co
VOUT
ESR
VCC
L
Co
VOUT
Cin
If VCC=3.3V, VOUT=1.8V, and IOUTmax.=2A, (BD8960NV)


Similar Part No. - BD8960NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8960NV ROHM-BD8960NV_12 Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD8960NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8964FVM ROHM-BD8964FVM Datasheet
557Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM_10 Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV_10 Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8967FVM ROHM-BD8967FVM Datasheet
400Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV Datasheet
493Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8963EFJ ROHM-BD8963EFJ Datasheet
489Kb / 18P
   Low Noise High-efficiency Switching Regulator with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com