Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8966FVM Datasheet(PDF) 5 Page - Rohm

Part # BD8966FVM
Description  Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8966FVM Datasheet(HTML) 5 Page - Rohm

  BD8966FVM_10 Datasheet HTML 1Page - Rohm BD8966FVM_10 Datasheet HTML 2Page - Rohm BD8966FVM_10 Datasheet HTML 3Page - Rohm BD8966FVM_10 Datasheet HTML 4Page - Rohm BD8966FVM_10 Datasheet HTML 5Page - Rohm BD8966FVM_10 Datasheet HTML 6Page - Rohm BD8966FVM_10 Datasheet HTML 7Page - Rohm BD8966FVM_10 Datasheet HTML 8Page - Rohm BD8966FVM_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
BD8966FVM
Technical Note
5/14
www.rohm.com
2010.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Information on advantages
Advantage 1:Offers fast transient response with current mode control system.
Voltage drop due to sudden change in load was reduced .
Fig.17 Comparison of transient response
Advantage 2: Offers high efficiency with synchronous rectifier
For heavier load:
Utilizes the synchronous rectifying mode and the low on-resistance MOS FETs
incorporated as power transistor.
ON resistance of P-channel MOS FET : 350mΩ(Typ.)
ON resistance of N-channel MOS FET : 250mΩ(Typ.)
Fig.18
Advantage 3:・Supplied in smaller package due to small-sized power MOS FET incorporated.
Reduces a mounting area required.
Fig.19 Example application
RITH
L
Co
VOUT
CITH
VCC
Cin
10mm
15mm
RITH
CITH
CIN
CO
L
Conventional product (Load response IO=0.1A→0.6A)
BD8966FVM (Load response IO=0.1A→0.6A)
Output capacitor Co required for current mode control:10μF ceramic capacitor
Inductance L required for the operating frequency of 1 MHz: 4.7μH inductor
DC/DC
Convertor
Controller
110mV
VOUT
IOUT
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
OUTPUT CURRENT:IOUT[mA]
VOUT=1.5V】
VCC=5V
Ta=25℃
VOUT
IOUT
90mV


Similar Part No. - BD8966FVM_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8966FVM ROHM-BD8966FVM_12 Datasheet
876Kb / 19P
   4.0V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD8966FVM ROHM-BD8966FVM_15 Datasheet
736Kb / 25P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD8966FVM_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8964FVM ROHM-BD8964FVM Datasheet
557Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV_10 Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8967FVM ROHM-BD8967FVM Datasheet
400Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV Datasheet
493Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8963EFJ ROHM-BD8963EFJ Datasheet
489Kb / 18P
   Low Noise High-efficiency Switching Regulator with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com