Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9152MUV Datasheet(PDF) 4 Page - Rohm

Part # BD9152MUV
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9152MUV Datasheet(HTML) 4 Page - Rohm

  BD9152MUV Datasheet HTML 1Page - Rohm BD9152MUV Datasheet HTML 2Page - Rohm BD9152MUV Datasheet HTML 3Page - Rohm BD9152MUV Datasheet HTML 4Page - Rohm BD9152MUV Datasheet HTML 5Page - Rohm BD9152MUV Datasheet HTML 6Page - Rohm BD9152MUV Datasheet HTML 7Page - Rohm BD9152MUV Datasheet HTML 8Page - Rohm BD9152MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
BD9152MUV
Technical Note
4/16
www.rohm.com
2010.04 - Rev.C
c
2010 ROHM Co., Ltd. All rights reserved.
Characteristics data
0
25
50
75
100
125
150
175
200
-40
-20
0
20
40
60
80
100
TEMPERATURE:Ta[℃]
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
OUTPUT CURRENT:IOUT[mA]
0.7
0.8
0.9
1
1.1
4.5
4.75
5
5.25
5.5
INPUT VOLTAGE:VCC[V]
Fig.10 VCC-Fosc
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
01
2
3
4
OUTPUT CURRENT:IOUT[A]
VOUT2=1.2V】
VOUT2=1.2V】
VCC=5V
Ta=25℃
Ta=25℃
Io=1.5A
VCC=5V
Ta=25℃
Io=0A
VOUT2=1.2V】
3.20
3.25
3.30
3.35
3.40
-40
-20
0
20
40
60
80
TEMPERATURE:Ta[℃]
VCC=5V
Io=0A
VOUT1=3.3V】
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-40
-20
0
2040
6080
TEMPERATURE:Ta[℃]
VCC=5V
Fig.9 Ta- Fosc
Fig.8 Efficiency
Fig. 6 Ta-VOUT1
Fig.3 VCC – VOUT1,VOUT2
Fig.5 IOUT - VOUT
Fig.4 VEN - VOUT
Fig.11 Ta – RONN, RONP
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
01
2345
INPUT VOLTAGE:VCC[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
012
345
EN VOLTAGE:VEN[V]
Fig. 7 Ta-VOUT2
VOUT2=1.2V 設定】
1.15
1.18
1.20
1.23
1.25
-40
-20
0
20
40
60
80
TEMPERATURE:Ta[℃]
VCC=5V
Ta=25℃
VOUT1=3.3V】
VOUT2=2.5V】
VOUT2=1.5V】
VOUT2=1.2V】
VOUT2=1.0V】
Ta=25℃
PMOS
NMOS
VCC=5V
VOUT1=3.3V】
VOUT1=3.3V】
VOUT1=3.3V】
VOUT2=1.2V】
VCC=5V
Io=0A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-20
0
2040
6080
TEMPERATURE:Ta[℃]
0
100
200
300
400
500
600
-40
-20
0
2040
6080
TEMPERATURE:Ta[℃]
VCC=5V
Fig.12 Ta-EN1,EN2
Fig.13 Ta-Icc
VCC=5V
Fig.14 Soft start wave form
(Io=0mA)
EN1=E2
VOUT1
VOUT2
VCC=5V,Ta=25℃


Similar Part No. - BD9152MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV-E2 ROHM-BD9152MUV-E2 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9152MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com