Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9326EFJ Datasheet(PDF) 3 Page - Rohm

Part # BD9326EFJ
Description  Simple Step-down Switching Regulators with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9326EFJ Datasheet(HTML) 3 Page - Rohm

  BD9326EFJ Datasheet HTML 1Page - Rohm BD9326EFJ Datasheet HTML 2Page - Rohm BD9326EFJ Datasheet HTML 3Page - Rohm BD9326EFJ Datasheet HTML 4Page - Rohm BD9326EFJ Datasheet HTML 5Page - Rohm BD9326EFJ Datasheet HTML 6Page - Rohm BD9326EFJ Datasheet HTML 7Page - Rohm BD9326EFJ Datasheet HTML 8Page - Rohm BD9326EFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Technical Note
BD9325FJ, BD9326EFJ, BD9327EFJ
3/14
www.rohm.com
2010.08 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Block diagram
Typical application circuit
Fig.1 Block Diagram
EN;PULL UP to VIN
EN
FB
VREF
TSD
UVLO
IBIAS
ERR
Soft Start
SLOPE
+
PWM
VREG
OSC
5V
LVS
GND
SW
VIN
BST
SS
VIN
S
DRV
LOGIC
R
COMP
LVS
OCP
OUTPUT
12V
+
Fig.2 Application Circuit
C_CO1
R_PC
15k
R_DW
R_UP
10μH
C_VC1
10μF
C_PC1
3300pF
10k
27k
20μF
C_SS
0.1μF
L
D
Thermal Pad
(For BD9326EFJ, BD9327EFJ)
VIN 12V
VOUT 3.3V


Similar Part No. - BD9326EFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9326EFJ ROHM-BD9326EFJ Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
BD9326EFJ-E2 ROHM-BD9326EFJ-E2 Datasheet
379Kb / 4P
   silicon monolithic integrated circuit
BD9326EFJ-E2 ROHM-BD9326EFJ-E2 Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
BD9326EFJ-LBE2 ROHM-BD9326EFJ-LBE2 Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
More results

Similar Description - BD9326EFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9701FP ROHM-BD9701FP_09 Datasheet
516Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9873CP-V5 ROHM-BD9873CP-V5 Datasheet
576Kb / 13P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9859EFJ ROHM-BD9859EFJ Datasheet
582Kb / 16P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD7957FS-E2 ROHM-BD7957FS-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9701FP-E2 ROHM-BD9701FP-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9G101G ROHM-BD9G101G Datasheet
1Mb / 23P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9329AEFJ ROHM-BD9329AEFJ Datasheet
407Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com