Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9560MUV Datasheet(PDF) 1 Page - Rohm

Part # BD9560MUV
Description  Switching Regulator Controller for Graphic Chip Cores
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9560MUV Datasheet(HTML) 1 Page - Rohm

  BD9560MUV_10 Datasheet HTML 1Page - Rohm BD9560MUV_10 Datasheet HTML 2Page - Rohm BD9560MUV_10 Datasheet HTML 3Page - Rohm BD9560MUV_10 Datasheet HTML 4Page - Rohm BD9560MUV_10 Datasheet HTML 5Page - Rohm BD9560MUV_10 Datasheet HTML 6Page - Rohm BD9560MUV_10 Datasheet HTML 7Page - Rohm BD9560MUV_10 Datasheet HTML 8Page - Rohm BD9560MUV_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/21
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
High performance Regulators for PCs
Switching Regulator Controller
for Graphic Chip Cores
BD9560MUV
Description
BD9560MUV is a switching regulator controller with high output current which can achieve low output voltage (0.412V ~
1.2875V) from a wide input voltage range (4.5V ~ 25V). The setting of output voltage depends on DAC built in. High
efficiency for the switching regulator can be realized by utilizing an external N-MOSFET power transistor. SLLM (Simple
Light Load Mode) technology is also integrated to improve efficiency in light load mode, providing high efficiency over a wide
load range. For protection and ease of use, the soft start function, variable frequency function, short circuit protection
function with timer latch, over voltage protection, over current protection and power good function are all built in. This
switching regulator is specially designed for GMCH.
Features
1) Switching Regulator Controller
2) Light Load Mode and Continuous Mode Changeable
3) Thermal Shut Down circuit built-in (TSD)
4) Under Voltage Lockout circuit built-in (UVLO)
5) Over Current Protection circuit built-in (OCP)
6) Over Voltage Protection circuit built-in (OVP)
7) Short circuit protection with timer-latch built-in
8) Power good circuit built-in
9) Soft start function to minimize rush current during startup
10) Switching Frequency Variable (f=200 KHz ~ 600 KHz)
11) VQFN032V5050 package
Applications
Laptop PC, Desktop PC, Digital Components
Maximum Absolute Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Input voltage 1
VCC
7
*1*2
V
Input voltage 2
PVCC
7
*1*2
V
Input voltage 3
VIN
35
*1*2
V
BOOT voltage
BOOT
35
*1*2
V
BOOT-SW voltage
BOOT-SW
7
*1*2
V
HG-SW voltage
HG-SW
7
*1*2
V
LG voltage
LG
PVCC
V
VREF voltage
VREF
VCC
V
VRON input voltage
VRON
7
*1
V
Logic input voltage
CL/SCP/SS/TON/SLLM/VID4-0/PWRGD_C/DAC_C
VCC
V
Logic output voltage 1
PWRGD
7
V
Logic output voltage 2
SUS_OUT
VCC
V
Power dissipation1
Pd1
0.38
*3
W
Power dissipation2
Pd2
0.88
*4
W
Operating Temperature Range
Topr
-10 ~ +100
Storage Temperature Range
Tstg
-55 ~ +150
Junction Temperature
Tjmax
+150
*1 Not to exceed Pd..
*2 Maximum voltage that can be proof against instantaneous applied voltage such as serge, back electromotive voltage or continuous pulse applied voltage
(Duty ratio : less than 10%)
*3 Reduced by 3.0mW for each increase in Ta of 1℃ over 25℃ (when don’t mounted on a heat radiation board )
*4 Reduced by 7.0mW for increase in Ta of 1℃ over 25℃. (when mounted on a board 70.0mm×70mm×1.6mm Glass-epoxy PCB.)
No.10030ECT10


Similar Part No. - BD9560MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9560MUV ROHM-BD9560MUV_09 Datasheet
740Kb / 22P
   Switching Regulator Controller for Graphic Chip Cores
More results

Similar Description - BD9560MUV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9560MUV ROHM-BD9560MUV_09 Datasheet
740Kb / 22P
   Switching Regulator Controller for Graphic Chip Cores
BD95710MUV ROHM-BD95710MUV Datasheet
536Kb / 21P
   2Phase Switching Regulator Controllers for Graphic Card
BD95700MUV ROHM-BD95700MUV Datasheet
501Kb / 21P
   2phase Switching Regulator Controllers for Graphic Card
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD95500MUV ROHM-BD95500MUV Datasheet
496Kb / 21P
   Switching Regulator with MOSFET for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV_10 Datasheet
518Kb / 18P
   Switching Regulator with MOS FET for DDR-SDRAM Cores
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com