Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9560MUV-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD9560MUV-E2
Description  Switching Regulator Controller for Graphic Chip Cores
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9560MUV-E2 Datasheet(HTML) 3 Page - Rohm

  BD9560MUV-E2 Datasheet HTML 1Page - Rohm BD9560MUV-E2 Datasheet HTML 2Page - Rohm BD9560MUV-E2 Datasheet HTML 3Page - Rohm BD9560MUV-E2 Datasheet HTML 4Page - Rohm BD9560MUV-E2 Datasheet HTML 5Page - Rohm BD9560MUV-E2 Datasheet HTML 6Page - Rohm BD9560MUV-E2 Datasheet HTML 7Page - Rohm BD9560MUV-E2 Datasheet HTML 8Page - Rohm BD9560MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Technical Note
BD9560MUV
3/21
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
ELECTRICAL CHARACTERISTICS
(Unless otherwise noted, Ta=25℃, VCC=5V,VIN=12V, VRON=5V,VDAC=1.2811V,SLLM=0V)
Parameter
Symbol
Limits
Unit
Conditions
MIN.
TYP.
MAX.
[Load slope setup block]
Offset voltage
VLS
TBD
0
TBD
mV
[Soft start block]
Delay time
TSS
-
65
-
µs
Css=100pF
SS Delay charge current
ISS
1.5
2.0
2.5
µA
[Short circuit Protection]
Delay time
TSCP
-
60
-
µs
Cscp=100pF
SCP Delay charge current
ISCP
1.5
2.0
2.5
µA
[SLLM block]
Continuous mode threshold
Vthcon
GND
-
0.5
V
SLLM threshold
VthSL
2M
VCC-0.5
-
VCC
V
[Operating frequency]
Switching frequency
Fosc
-
300
-
kHz TON=1V
[On time pulse width]
On time pulse width
Fosc
250
350
450
ns
TON=1V
TON adjustment voltage
VTON
0.2
-
2.0
V
TON bias current
ITON
-
0
1
µA
TON=5V
[OFF time width]
Min off time
MinOff
0.25
0.5
1.0
µs
[Driver block]
HG high side ON resistor
RonHGH
-
1
2
HG low side ON resistor
RonHGL
-
1
2
LG high side ON resistor
RonLGH
-
1
2
LG high side ON resistor
RonLGL
-
0.5
1
[Power good block]
PWRGD Low threshold voltage
PGDLow
VDAC-0.4
VDAC-0.3
VDAC-0.2
V
PWRGD High threshold voltage
PGDHigh
VDAC+0.1
VDAC+0.2
VDAC+0.3
V
PWRGD Output voltage
VPWRGD
-
-
0.4
V
IPRGD=4mA
PWRGD Output leakage current
PGDLeak
-
-
10
µA
PWRGD=3.6V
PWRGD_C Delay charge current
IPD
1.5
2.0
2.5
µA


Similar Part No. - BD9560MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9560MUV ROHM-BD9560MUV Datasheet
393Kb / 6P
   Step down DC/DC converter controller for mobile PC
BD9560MUV ROHM-BD9560MUV_09 Datasheet
740Kb / 22P
   Switching Regulator Controller for Graphic Chip Cores
More results

Similar Description - BD9560MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9560MUV ROHM-BD9560MUV_09 Datasheet
740Kb / 22P
   Switching Regulator Controller for Graphic Chip Cores
BD95710MUV ROHM-BD95710MUV Datasheet
536Kb / 21P
   2Phase Switching Regulator Controllers for Graphic Card
BD95700MUV ROHM-BD95700MUV Datasheet
501Kb / 21P
   2phase Switching Regulator Controllers for Graphic Card
BD95514MUV ROHM-BD95514MUV Datasheet
536Kb / 16P
   FET Integrated Switching Regulator for DDR-SDRAM Cores
BD95500MUV ROHM-BD95500MUV Datasheet
496Kb / 21P
   Switching Regulator with MOSFET for DDR-SDRAM Cores
BD95513MUV ROHM-BD95513MUV_10 Datasheet
518Kb / 18P
   Switching Regulator with MOS FET for DDR-SDRAM Cores
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
   Switching Regulator Controller for LCD Bias
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com