Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9739KN Datasheet(PDF) 7 Page - Rohm

Part # BD9739KN
Description  System Switching Regulator ICs with Built-in FET (10V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9739KN Datasheet(HTML) 7 Page - Rohm

Back Button BD9739KN_10 Datasheet HTML 3Page - Rohm BD9739KN_10 Datasheet HTML 4Page - Rohm BD9739KN_10 Datasheet HTML 5Page - Rohm BD9739KN_10 Datasheet HTML 6Page - Rohm BD9739KN_10 Datasheet HTML 7Page - Rohm BD9739KN_10 Datasheet HTML 8Page - Rohm BD9739KN_10 Datasheet HTML 9Page - Rohm BD9739KN_10 Datasheet HTML 10Page - Rohm BD9739KN_10 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Technical Note
7/14
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD9739KN,BD9740KN
BD9739KN Pin No.
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
61
VBAT
60
OUT1B
44,36
NON5,7
29
VCC
4,5,12,13
DRAIN2,3H
28
SS1
54
PVCC
6,7,10,11
DRAIN2,3L
25
SS23
14
PVCCH
55
OUT1M
34
RT
59
PVCCL
56
OUT1S
33
CT
8,9,57
PGND23,PGND
35
VREF
32
SCP
42
GND
43
DTC 5
1,64
UDSEL1,5
30
VREGA
26,24,21,47,46,41,39
FB 1~7
15,16,17,18,19,20 STB 1,23,4,5,6,7
51,52,53
OUT4,5,6
27,23,22,48,45,40
INV 1~6
50,2,62
SWIN4,6,7
58
OUT7B
37,38
INV7I,INV7V
31,49,3,63
SWOUT 1,4,6,7
BD9740KN Pin No.
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
4
VBAT
44
MAIN2
30,37
NON6,NON7
21
VCC
43
SUB2
17
SS1
46
PVCC
5
OUT1B
23
RT
10
PVCCH
9
DRAIN4H
24
CT
42
PGND
8
DRAIN4L
25
SCP
6,7
PGND4
20
VREF
1
UDSEL12
31
GND
3,38,39
DTC 5~7
2
UDSEL3
22
VREGA
16,18,27,28,32,35,36
FB 1~7
11,12,13,14
STB1,234,56,7
40,41,45,47,48
OUT1,3,5,6,7
15,19,26,29,33,34
INV 1~5,7
Block diagram explanation and setting peripheral IC components
1. Voltage reference (VREF)
VREF is the reference voltage source of 1.0V output voltage.
Connect a capacitor to prevent oscillation. Set the capacitance from 1.0 μF to 10 μF.
2. REGA
REGA and REGD are regulators with output voltages of 2.5 V. REGA is used as the power supply for the IC's internal
blocks.Connect a capacitor to prevent oscillation. Set the capacitance from 4.7 μ to 10 μF.
3. UDSEL
To enable step-up mode, connect VCC to the UDSEL pin. To enable step-up mode connect 0V to the UDSEL pin.
When using the startup circuit, set the pin to step-up mode. Because the pin uses COMS inverter input, you must connect
the pin to either GND or VCC in order to prevent undefined input.
4. On/off logic
The voltage applied to the STB pins can be controlled whether each channel is on or off.
CH1, CH4, and CH5 can be controlled independently, while CH2 and CH3 can be controlled simultaneously.
Applying a voltage of over 2 V turns on the corresponding channel(s), while leaving the pin open or applying 0 V turns off
the corresponding channel(s).
Turning off all channels causes the IC to be in a standby state.
Each pin is connected to GND by a 400 k
 pull-down resistor.
5. Setting the short protection detection time
The detection time can be set when the capacitor is connected to the SCP pin.
When the detection time is reached, the latch circuit operates, turning off the output for all channels.
To reset the latch circuit, turn all STB pins off, and then back on again.
Detection time (sec) = CSCP
 VTSC / ISCP
(CSCP: capacitance; VTSC: SCP pin detection voltage, ISCP: SCP pin source current)
*Set the capacitor that is connected to the SCP pin from 0.001 μF to 2.2 μF.


Similar Part No. - BD9739KN_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9739KN ROHM-BD9739KN Datasheet
422Kb / 6P
   7-Channel Switching Regulator Controller for Digital Camera
More results

Similar Description - BD9739KN_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8355MWV ROHM-BD8355MWV Datasheet
1Mb / 21P
   Regulators ICs for Digital Cameras and Camcorders System Switching Regulator IC with Built-in FET (10V)
BD8919F ROHM-BD8919F_1 Datasheet
376Kb / 16P
   IC Care Interface ICs with Built-in Low LDO Regulator
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
ABLIC Inc.
S-8351 ABLIC-S-8351 Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8353A20MC-IQFT2X SII-S-8353A20MC-IQFT2X Datasheet
2Mb / 49P
   BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
Rohm
BD8919F ROHM-BD8919F Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
BD9639MWV ROHM-BD9639MWV_16 Datasheet
2Mb / 26P
   Switching Regulator ICs
BD9634GU ROHM-BD9634GU Datasheet
2Mb / 30P
   Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com