Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9739KN Datasheet(PDF) 9 Page - Rohm

Part # BD9739KN
Description  System Switching Regulator ICs with Built-in FET (10V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9739KN Datasheet(HTML) 9 Page - Rohm

Back Button BD9739KN_10 Datasheet HTML 5Page - Rohm BD9739KN_10 Datasheet HTML 6Page - Rohm BD9739KN_10 Datasheet HTML 7Page - Rohm BD9739KN_10 Datasheet HTML 8Page - Rohm BD9739KN_10 Datasheet HTML 9Page - Rohm BD9739KN_10 Datasheet HTML 10Page - Rohm BD9739KN_10 Datasheet HTML 11Page - Rohm BD9739KN_10 Datasheet HTML 12Page - Rohm BD9739KN_10 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Technical Note
9/14
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD9739KN,BD9740KN
10. Setting MAX DUTY
The DTC voltage is determined by the internal R1 and R2 resistance values. The DTC voltage can be changed by
connecting resistance values that are from 1 to 2 digits smaller than the internal R1 (30 k
) and R2 (93 k) resistors, to
the RA and RB pins.
*The resistors connected to the RA and RB pins should be at least 5 k
. Avoid shorting the VREGA and DTC pins.
*When VCC falls to 2.8 V or below, a protection circuit will operate to limit MAX DUTY in order to prevent the IC from
malfunctioning when VREGA (the internal circuit power supply) drops.
11. Soft start operation triggered by the DTC pin
Soft start operation can be set by connecting a capacitor to the DTC pin. Setting the STBY pin to high will cause the
capacitor connected to the DTC pin to be charged by the internal pull-up resistor.
Startup will begin when this voltage reaches the minimum voltage of the CT pin's triangular waveform.
*Set the capacitance connected to each DTC pin to 10 μF or less.
12. Internal soft start operation
Soft start times are set internally for CH4, CH6, and CH7 (BD9739KN); and CH2 to CH4 (BD9740KN).
BD9739KN
CH4, 6, 7: 2.7 ms
BD9740KN
CH2 to CH4: 3.6 ms
(Soft start operation of CH2 and CH3 is delayed until CH4 reaches approximately 80%.)
13. Setting the error amp feedback resistance
(1) Feedback resistance order (BD9739KN, BD9740KN)
Error amp differential input is formed by a PNP transistor, with the base current of this input flowing into the lower
voltage divider resistor. In the worst case, this current may reach 0.2 μA. For this reason, when the resistance of the
lower resistor is increased, the base current may cause an error in the output voltage. For example, resistance values
of 40 k
, 20 k, and 10 k result in errors of 1%, 0.5%, and 0.25%, respectively. Refer to these values when setting
the resistance value.
(2) Setting the inverted channel (BD9739KN, BD9740KN)
For the BD9739KN, connect the CH5 error amp reference voltage (INV5) to the ground.
For the BD9740KN, the CH6 error amp reference voltage is grounded internally.
*It is recommended to use a 10 k
 resistor between VREF and CH5 output. Use a resistance value from 5 k to 20 k.


Similar Part No. - BD9739KN_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9739KN ROHM-BD9739KN Datasheet
422Kb / 6P
   7-Channel Switching Regulator Controller for Digital Camera
More results

Similar Description - BD9739KN_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8355MWV ROHM-BD8355MWV Datasheet
1Mb / 21P
   Regulators ICs for Digital Cameras and Camcorders System Switching Regulator IC with Built-in FET (10V)
BD8919F ROHM-BD8919F_1 Datasheet
376Kb / 16P
   IC Care Interface ICs with Built-in Low LDO Regulator
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
logo
ABLIC Inc.
S-8351 ABLIC-S-8351 Datasheet
656Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
Rev.3.1_00
logo
Seiko Instruments Inc
S-8351A50MC-J3JT2G SII-S-8351A50MC-J3JT2G Datasheet
552Kb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
S-8353A20MC-IQFT2X SII-S-8353A20MC-IQFT2X Datasheet
2Mb / 49P
   BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
Rohm
BD8919F ROHM-BD8919F Datasheet
325Kb / 16P
   IC Card Interface ICs with Built-in Low Noise LDO Regulator
BD9639MWV ROHM-BD9639MWV_16 Datasheet
2Mb / 26P
   Switching Regulator ICs
BD9634GU ROHM-BD9634GU Datasheet
2Mb / 30P
   Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com